Electronic Components Datasheet Search |
|
MJWI20-24D12 Datasheet(PDF) 8 Page - Total Power International |
|
MJWI20-24D12 Datasheet(HTML) 8 Page - Total Power International |
8 / 9 page MJWI20 SERIES DC/DC CONVERTER 20W, Highest Power Density EMI-Filter to meet EN 55022, class A; FCC part 15 ,level A Conducted and radiated emissions EN55022 Class A Model Component Value C1 3.3μF/50V 1210 X7R MLCC MJWI20-24XXX L1 SMTDR54-6R5M-JT8 C1 2.2μF/100V 1210 X7R MLCC MJWI20-48XXX L1 SMTDR54-120M-JT8 External Output Trimming Output can be externally trimmed by using the method shown below MJWI20-XXS033 Trim Table Trim down 1 2 3 4 5 6 7 8 9 10 % Vout= Vox0.99 Vox0.98 Vox0.97 Vox0.96 Vox0.95 Vox0.94 Vox0.93 Vox0.92 Vox0.91 Vox0.90 Volts Rd= 63.59 30.28 18.19 11.95 8.13 5.56 3.70 2.31 1.21 0.34 KOhms Trim up 1 2 3 4 5 6 7 8 9 10 % Vout= Vox1.01 Vox1.02 Vox1.03 Vox1.04 Vox1.05 Vox1.06 Vox1.07 Vox1.08 Vox1.09 Vox1.10 Volts Ru= 70.50 29.28 16.87 10.90 7.38 5.06 3.42 2.20 1.25 0.49 KOhms MJWI20-XXS05 Trim Table Trim down 1 2 3 4 5 6 7 8 9 10 % Vout= Vox0.99 Vox0.98 Vox0.97 Vox0.96 Vox0.95 Vox0.94 Vox0.93 Vox0.92 Vox0.91 Vox0.90 Volts Rd= 45.53 20.61 12.31 8.15 5.66 4.00 2.81 1.92 1.23 0.68 KOhms Trim up 1 2 3 4 5 6 7 8 9 10 % Vout= Vox1.01 Vox1.02 Vox1.03 Vox1.04 Vox1.05 Vox1.06 Vox1.07 Vox1.08 Vox1.09 Vox1.10 Volts Ru= 36.57 16.58 9.92 6.59 4.59 3.25 2.30 1.59 1.03 0.59 KOhms MJWI20-XXS12 Trim Table Trim down 1 2 3 4 5 6 7 8 9 10 % Vout= Vox0.99 Vox0.98 Vox0.97 Vox0.96 Vox0.95 Vox0.94 Vox0.93 Vox0.92 Vox0.91 Vox0.90 Volts Rd= 394.50 179.74 106.08 68.86 46.39 31.36 20.60 12.51 6.21 1.17 KOhms Trim up 1 2 3 4 5 6 7 8 9 10 % Vout= Vox1.01 Vox1.02 Vox1.03 Vox1.04 Vox1.05 Vox1.06 Vox1.07 Vox1.08 Vox1.09 Vox1.10 Volts Ru= 368.92 161.92 94.97 61.86 42.12 29.00 19.66 12.66 7.23 2.89 KOhms MJWI20-XXS15 Trim Table Trim down 1 2 3 4 5 6 7 8 9 10 % Vout= Vox0.99 Vox0.98 Vox0.97 Vox0.96 Vox0.95 Vox0.94 Vox0.93 Vox0.92 Vox0.91 Vox0.90 Volts Rd= 572.67 248.63 145.60 94.97 64.87 44.92 30.72 20.10 11.86 5.28 KOhms Trim up 1 2 3 4 5 6 7 8 9 10 % Vout= Vox1.01 Vox1.02 Vox1.03 Vox1.04 Vox1.05 Vox1.06 Vox1.07 Vox1.08 Vox1.09 Vox1.10 Volts Ru= 392.98 182.12 108.73 71.43 48.85 33.71 22.86 14.69 8.33 3.23 KOhms MJWI20-XXS24 Trim Table Trim down 1 2 3 4 5 6 7 8 9 10 % Vout= Vox0.99 Vox0.98 Vox0.97 Vox0.96 Vox0.95 Vox0.94 Vox0.93 Vox0.92 Vox0.91 Vox0.90 Volts Rd= 598.89 267.94 157.63 102.47 69.38 47.31 31.56 19.74 10.54 3.19 KOhms Trim up 1 2 3 4 5 6 7 8 9 10 % Vout= Vox1.01 Vox1.02 Vox1.03 Vox1.04 Vox1.05 Vox1.06 Vox1.07 Vox1.08 Vox1.09 Vox1.10 Volts Ru= 487.11 218.06 128.37 83.53 56.62 38.69 25.87 16.26 8.79 2.81 KOhms 12 6 34 5 MJWI20 Module Bottom View Trim Up 12 6 34 5 MJWI20 Module Bottom View Rd Trim Down Ru Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |
Similar Part No. - MJWI20-24D12 |
|
Similar Description - MJWI20-24D12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |