Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW50-12S12 Datasheet(PDF) 5 Page - Total Power International

Part # MKW50-12S12
Description  Smallest Encapsulated 50W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW50-12S12 Datasheet(HTML) 5 Page - Total Power International

  MKW50-12S12 Datasheet HTML 1Page - Total Power International MKW50-12S12 Datasheet HTML 2Page - Total Power International MKW50-12S12 Datasheet HTML 3Page - Total Power International MKW50-12S12 Datasheet HTML 4Page - Total Power International MKW50-12S12 Datasheet HTML 5Page - Total Power International MKW50-12S12 Datasheet HTML 6Page - Total Power International MKW50-12S12 Datasheet HTML 7Page - Total Power International MKW50-12S12 Datasheet HTML 8Page - Total Power International MKW50-12S12 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MKW50 SERIES
DC/DC CONVERTER 50W, Highest Power Density
Efficiency Curve @25
MKW50-24S15 Efficiency vs Load Current
MKW50-24S24 Efficiency vs Load Current
MKW50-48S033 Efficiency vs Load Current
MKW50-48S05 Efficiency vs Load Current
MKW50-48S12 Efficiency vs Load Current
MKW50-48S15 Efficiency vs Load Current
MKW50-48S24 Efficiency vs Load Current
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
60
65
70
75
80
85
90
95
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
24V
36V
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW50-12S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW50-12S12 MINMAX-MKW50-12S12 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
More results

Similar Description - MKW50-12S12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
Advantech Co., Ltd.
855-10619 ADVANTECH-855-10619 Datasheet
549Kb / 2P
   Smallest, Most Reliable Switching Media Converter
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com