Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1003-2 Datasheet(PDF) 6 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 6 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 2Page - Microchip Technology UCS1003-2 Datasheet HTML 3Page - Microchip Technology UCS1003-2 Datasheet HTML 4Page - Microchip Technology UCS1003-2 Datasheet HTML 5Page - Microchip Technology UCS1003-2 Datasheet HTML 6Page - Microchip Technology UCS1003-2 Datasheet HTML 7Page - Microchip Technology UCS1003-2 Datasheet HTML 8Page - Microchip Technology UCS1003-2 Datasheet HTML 9Page - Microchip Technology UCS1003-2 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 6
 2014-2015 Microchip Technology Inc.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Power Supply
Supply Voltage
VDD
4.5
5
5.5
V
(Note 1)
Source Voltage
VS
2.9
5
5.5
V
(Note 1)
Supply Current in Active
(IDD_ACTIVE + IVS_ACT)
IACTIVE
650
750
µA
Average current, IBUS =0 mA
Supply Current in Sleep
(IDD_SLEEP + IVS_SLEEP)
ISLEEP
5
15
µA
Average current,
VPULLUP  VDD
Supply Current in Detect
(IDD_DETECT + IVS_DETECT)
IDETECT
185
µA
Average current,
no portable device attached
Power-on Reset
VS Low Threshold
VS_UVLO
—2.5
V
VS voltage increasing
VS Low Hysteresis
VS_UVLO_HYST
—100
mV
VS voltage decreasing
VDD Low Threshold
VDD_TH
—4
V
VDD voltage increasing
VDD Low Hysteresis
VDD_TH_HYST
—500
mV
VDD voltage decreasing
I/O Pins – SMCLK (UCS1003-1), SMDATA (UCS1003-1), EM_EN, M1, M2, PWR_EN, S0, LATCH, ALERT#, A_DET#
(UCS1003-1 and UCS1003-3), CHRG# (UCS1003-2) – DC Parameters
Output Low Voltage
VOL
——
0.4
V
ISINK_IO = 8 mA,
SMDATA, ALERT#,
A_DET#, CHRG#
Input High Voltage
VIH
2.0
V
PWR_EN, EM_EN, M1, M2,
LATCH, S0, SMDATA, SMCLK
Input Low Voltage
VIL
0.8
V
PWR_EN, EM_EN, M1, M2,
LATCH, S0, SMDATA, SMCLK
Leakage Current
ILEAK
±5
µA
Powered or unpowered,
VPULLUP  VDD
Interrupt Pins – AC Parameters
ALERT#, A_DET# Pins
Blanking Time
tBLANK
—25
ms
ALERT# Pin
Interrupt Masking Time
tMASK
—5
ms
SMBus/I2C Timing (UCS1003-1 only)
Input Capacitance
CIN
—5
pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
—50
ns
(Note 2)
Bus Free Time Stop to Start
tBUF
1.3
µs
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS1003-1 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Min and Max values represent the boundaries of a programmable range for UCS1003-1 only. Each value
in the range is typical.


Similar Part No. - UCS1003-2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-1-BP-TR MICROCHIP-UCS1001-1-BP-TR Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-2-BP-TR MICROCHIP-UCS1001-2-BP-TR Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
More results

Similar Description - UCS1003-2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com