Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKWI40-24S033 Datasheet(PDF) 4 Page - Total Power International

Part # MKWI40-24S033
Description  Smallest Encapsulated 40W Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKWI40-24S033 Datasheet(HTML) 4 Page - Total Power International

  MKWI40-24S033 Datasheet HTML 1Page - Total Power International MKWI40-24S033 Datasheet HTML 2Page - Total Power International MKWI40-24S033 Datasheet HTML 3Page - Total Power International MKWI40-24S033 Datasheet HTML 4Page - Total Power International MKWI40-24S033 Datasheet HTML 5Page - Total Power International MKWI40-24S033 Datasheet HTML 6Page - Total Power International MKWI40-24S033 Datasheet HTML 7Page - Total Power International MKWI40-24S033 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MKWI40 SERIES
DC/DC CONVERTER 40W, Highest Power Density
Efficiency Curve @25
MKWI40-24S033 Efficiency vs Load Current
MKWI40-24S05 Efficiency vs Load Current
MKWI40-24S12 Efficiency vs Load Current
MKWI40-24S15 Efficiency vs Load Current
MKWI40-24D12 Efficiency vs Load Current
MKWI40-24D15 Efficiency vs Load Current
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MKWI40-24S033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKWI40-24S033 MINMAX-MKWI40-24S033 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
More results

Similar Description - MKWI40-24S033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Phihong USA Inc.
PSA40W PHIHONG-PSA40W Datasheet
89Kb / 2P
   Smallest 40W Universal 2-Wire Input Adapter
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
logo
Power-One
OES021ZC POWER-ONE-OES021ZC Datasheet
484Kb / 3P
   Ultra-Dense 40W converter
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com