Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPW2000 Datasheet(PDF) 2 Page - Total Power International

Part # MPW2000
Description  Efficiency up to 89%
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW2000 Datasheet(HTML) 2 Page - Total Power International

  MPW2000 Datasheet HTML 1Page - Total Power International MPW2000 Datasheet HTML 2Page - Total Power International MPW2000 Datasheet HTML 3Page - Total Power International MPW2000 Datasheet HTML 4Page - Total Power International MPW2000 Datasheet HTML 5Page - Total Power International MPW2000 Datasheet HTML 6Page - Total Power International MPW2000 Datasheet HTML 7Page - Total Power International MPW2000 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
89
{18
702
{65
{1000
{15
MPW2047
89
{15
702
{83
{1250
{12
MPW2046
89
18
702
133
2000
15
MPW2044
89
15
702
166
2500
12
MPW2043
85
6.8
613
350
5000
5
MPW2042
82
3.9
25
10
461
400
5500
3.3
48
( 18 ~ 75 )
MPW2041
89
{18
1404
{65
{1000
{15
MPW2037
89
{15
1404
{83
{1250
{12
MPW2036
89
18
1404
133
2000
15
MPW2034
89
15
1404
166
2500
12
MPW2033
85
6.8
1225
350
5000
5
MPW2032
82
3.9
50
20
922
400
5500
3.3
24
( 10 ~ 40 )
MPW2031
% (Typ.)
VDC
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Over
Voltage
Protection
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
330
330
1000
1000
10000
10000
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
3000mA Slow - Blow Type
5000mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Pi Filter
Input Filter
mW
4500
---
---
Short Circuit Input Power
A
2
---
---
All Models
Reverse Polarity Input Current
17
16.5
16
48V Input Models
9.5
9.3
9
24V Input Models
Under Voltage Shutdown
18
17.5
17
48V Input Models
VDC
10
9.7
9.4
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MPW2000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com


Similar Part No. - MPW2000

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
More results

Similar Description - MPW2000

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
   Efficiency up to 86%
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
   Efficiency up to 95%
logo
Delta Electronics, Inc.
V48SH1R830NNFA DELTA-V48SH1R830NNFA Datasheet
743Kb / 13P
   High efficiency: 89% @ 1.8V/30A
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
   High Efficiency up to 84%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
Power-One
ABC400-10XXG POWER-ONE-ABC400-10XXG Datasheet
831Kb / 13P
   High efficiency up to 91% at 230VAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com