Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMFJ6.5A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # P4SMFJ6.5A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4SMFJ6.5A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  P4SMFJ6.5A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4SMFJ6.5A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4SMFJ6.5A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4SMFJ6.5A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4SMFJ Series
Package
BreakdownVoltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
Peak
Pulse
Current
SMF
Reverse
Stand-of
f
Voltage
VBR@IT
IR@ VRWM
Part Number
VRWM
Min.
Max.
IT
UNI
BI
Vc@Ipp
Ipp
Device Marking Code
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
400W Transient Voltage Suppresor
P4SMFJ5.0
P4SMFJ5.0C
5.0
6.40
7.82
10
800.0
1600.0
9.6
41.7
5.0V
5.0C
P4SMFJ5.0A
P4SMFJ5.0CA
5.0
6.40
7.07
10
800.0.
1600.0
9.2
43.85
5.0A
5.0D
P4SMFJ6.0
P4SMFJ6.0C
6.0
6.67
8.15
10
800.0
1600.0
11.4
35.1
6.0V
6.0C
P4SMFJ6.0A
P4SMFJ6.0CA
6.0
6.67
7.37
10
800.0
1600.0
10.3
38.8
6.0A
6.0D
P4SMFJ6.5
P4SMFJ6.5C
6.5
7.22
8.82
10
500.0
1000.0
12.3
32.5
6.5V
6.5C
P4SMFJ6.5A
P4SMFJ6.5CA
6.5
7.22
7.98
10
500.0
1000.0
11.2
35.7
6.5A
6.5D
P4SMFJ7.0
P4SMFJ7.0C
7.0
7.78
9.51
10
200.0
400.0
13.3
30.1
7.0V
7.0C
P4SMFJ7.0A
P4SMFJ7.0CA
7.0
7.78
8.60
10
200.0
400.0
12.0
33.3
7.0A
7.0D
P4SMFJ7.5
P4SMFJ7.5C
7.5
8.33
10.20
1
100.0
200.0
14.3
28.0
7.5V
7.5C
P4SMFJ7.5A
P4SMFJ7.5CA
7.5
8.33
9.21
1
100.0
200.0
12.9
31.0
7.5A
7.5C
P4SMFJ8.0
P4SMFJ8.0C
8.0
8.89
10.90
1
50.0
100.0
15.0
26.7
8.0V
8.0D
P4SMFJ8.0A
P4SMFJ8.0CA
8.0
8.89
9.83
1
50.0
100.0
13.6
29.4
8.0A
8.0C
P4SMFJ8.5
P4SMFJ8.5C
8.5
9.44
11.50
1
10.0
20.0
15.9
25.2
8.5V
8.5D
P4SMFJ8.5A
P4SMFJ8.5CA
8.5
9.44
10.40
1
10.0
20.0
14.4
27.8
8.5A
8.5C
P4SMFJ9.0
P4SMFJ9.0C
9.0
10.00
12.20
1
5.0
10.0
16.9
23.7
9.0V
9.0D
P4SMFJ9.0A
P4SMFJ9.0CA
9.0
10.00
11.10
1
5.0
10.0
15.4
26.0
9.0A
9.0C
P4SMFJ10
P4SMFJ10C
10.0
11.10
13.60
1
5.0
10.0
18.8
21.3
10V
10D
P4SMFJ10A
P4SMFJ10CA
10.0
11.10
12.30
1
5.0
10.0
17.0
23.5
10A
10C
P4SMFJ11
P4SMFJ11C
11.0
12.20
14.90
1
5.0
5.0
20.1
19.9
11V
11D
P4SMFJ11A
P4SMFJ11CA
11.0
12.20
13.50
1
5.0
5.0
18.2
22.0
11A
11C
P4SMFJ12
P4SMFJ12C
12.0
13.30
16.30
1
5.0
5.0
22.0
18.2
12V
12D
P4SMFJ12A
P4SMFJ12CA
12.0
13.30
14.70
1
5.0
5.0
19.9
20.1
12A
12C
P4SMFJ13
P4SMFJ13C
13.0
14.40
17.60
1
5.0
5.0
23.8
16.8
13V
13D
P4SMFJ13A
P4SMFJ13CA
13.0
14.40
15.90
1
5.0
5.0
21.5
18.6
13A
13C
P4SMFJ14
P4SMFJ14C
14.0
15.60
19.10
1
5.0
5.0
25.8
15.5
14V
14D
P4SMFJ14A
P4SMFJ14CA
14.0
15.60
17.20
1
5.0
5.0
23.2
17.2
14A
14C
P4SMFJ15
P4SMFJ15C
15.0
16.70
20.40
1
5.0
5.0
26.9
14.9
15V
15C
P4SMFJ15A
P4SMFJ15CA
15.0
16.70
18.50
1
5.0
5.0
24.4
16.4
15A
15D
P4SMFJ16
P4SMFJ16C
16.0
17.80
21.80
1
5.0
5.0
28.8
13.9
16V
16C
P4SMFJ16A
P4SMFJ16CA
16.0
17.80
19.70
1
5.0
5.0
26.0
15.4
16A
16D
P4SMFJ17
P4SMFJ17C
17.0
18.90
23.10
1
5.0
5.0
30.5
13.1
17V
17C
P4SMFJ17A
P4SMFJ17CA
17.0
18.90
20.90
1
5.0
5.0
27.6
14.5
17A
17D
P4SMFJ18
P4SMFJ18C
18.0
20.00
24.40
1
5.0
5.0
32.2
12.4
18V
18C
P4SMFJ18A
P4SMFJ18CA
18.0
20.00
22.10
1
5.0
5.0
29.2
13.7
18A
18D
P4SMFJ20
P4SMFJ20C
20.0
22.20
27.10
1
5.0
5.0
35.8
11.2
20V
20C
P4SMFJ20A
P4SMFJ20CA
20.0
22.20
24.50
1
5.0
5.0
32.4
12.3
20A
20D
P4SMFJ22
P4SMFJ22C
22.0
24.40
29.80
1
5.0
5.0
39.4
10.2
22V
22C
P4SMFJ22A
P4SMFJ22CA
22.0
24.40
26.90
1
5.0
5.0
35.5
11.3
22A
22D
P4SMFJ24
P4SMFJ24C
24.0
26.70
32.60
1
5.0
5.0
43.0
9.3
24V
24C
P4SMFJ24A
P4SMFJ24CA
24.0
26.70
29.50
1
5.0
5.0
38.9
10.3
24A
24D
P4SMFJ26
P4SMFJ26C
26.0
28.90
35.30
1
5.0
5.0
46.6
8.6
26V
26C
P4SMFJ26A
P4SMFJ26CA
26.0
28.90
31.90
1
5.0
5.0
42.1
9.5
26A
26D
P4SMFJ28
P4SMFJ28C
28.0
31.10
38.00
1
5.0
5.0
50.0
8.0
28V
28C
P4SMFJ28A
P4SMFJ28CA
28.0
31.10
34.40
1
5.0
5.0
45.4
8.8
28A
28D
P4SMFJ30
P4SMFJ30C
30.0
33.30
40.70
1
5.0
5.0
53.5
7.5
30V
30C
P4SMFJ30A
P4SMFJ30CA
30.0
33.30
36.80
1
5.0
5.0
48.4
8.3
30A
30D
P4SMFJ33
P4SMFJ33C
33.0
36.70
44.90
1
5.0
5.0
59.0
6.8
33V
33C
http://www.yeashin.com
2
REV.03 20150105


Similar Part No. - P4SMFJ6.5A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
P4SMFJ6.5A YEASHIN-P4SMFJ6.5A Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ6.5A YEASHIN-P4SMFJ6.5A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DIYI Electronic Technol...
P4SMFJ6.5A DYELEC-P4SMFJ6.5A Datasheet
2Mb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMFJ6.5A LEIDITECH-P4SMFJ6.5A Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
More results

Similar Description - P4SMFJ6.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com