Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432AV Datasheet(PDF) 2 Page - Anachip Corp

Part # AP432AV
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432AV Datasheet(HTML) 2 Page - Anachip Corp

  AP432AV Datasheet HTML 1Page - Anachip Corp AP432AV Datasheet HTML 2Page - Anachip Corp AP432AV Datasheet HTML 3Page - Anachip Corp AP432AV Datasheet HTML 4Page - Anachip Corp AP432AV Datasheet HTML 5Page - Anachip Corp AP432AV Datasheet HTML 6Page - Anachip Corp AP432AV Datasheet HTML 7Page - Anachip Corp AP432AV Datasheet HTML 8Page - Anachip Corp AP432AV Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
2/16
Block Diagram
REF (R)
VREF
+
-
Anode (A)
1.24V
Symbol
Cathode (C)
REF (R)
Anode (A)
Pin Configuration
Order Number
Pin Configuration (Top View)
AP432Y
AP432 AY
AP432IY
AP432IAY
(SOT89)
AP432V
AP432 AV
AP432IV
AP432IAV
(TO92)
Order Number
AP432R
AP432AR
AP432IR
AP432IAR
(SOT23)
AP432W
AP432AW
AP432IW
AP432IAW
(SOT23)
1 REF
2 Anode
3 Cathode
1 REF
2 Anode
3 Cathode
Anode 1
2 Cathode
3 REF
Anode 1
2 REF
3 Cathode
Cathode 1
Anode 2
Anode 3
NC 4
5 NC
6 Anode
7 Anode
8 REF
AP432
AP432A
AP432I
AP432IA
(SOP)
Pin Configuration (Top View)
AP432 Q
AP432 AQ
AP432IQ
AP432IAQ
(SOT25)
NC 1
4 REF
NC 2
Cathode 3
5 Anode


Similar Part No. - AP432AV

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432AV ANACHIP-AP432AV Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432AV DIODES-AP432AV Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
logo
Anachip Corp
AP432AVA ANACHIP-AP432AVA Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432AVG-13 DIODES-AP432AVG-13 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432AVG-7 DIODES-AP432AVG-7 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results

Similar Description - AP432AV

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com