Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5451YV-TR Datasheet(PDF) 5 Page - Microchip Technology

Part # MM5451YV-TR
Description  LED Display Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5451YV-TR Datasheet(HTML) 5 Page - Microchip Technology

  MM5451YV-TR Datasheet HTML 1Page - Microchip Technology MM5451YV-TR Datasheet HTML 2Page - Microchip Technology MM5451YV-TR Datasheet HTML 3Page - Microchip Technology MM5451YV-TR Datasheet HTML 4Page - Microchip Technology MM5451YV-TR Datasheet HTML 5Page - Microchip Technology MM5451YV-TR Datasheet HTML 6Page - Microchip Technology MM5451YV-TR Datasheet HTML 7Page - Microchip Technology MM5451YV-TR Datasheet HTML 8Page - Microchip Technology MM5451YV-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 5
MM5450/51
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
4.5V ≤ VDD ≤ 11V, VSS = 0V; TA = 25°C, bold values valid for –40°C ≤ TA ≤ +85°C,
unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Current
——
8.5
mA
–25°C to +85°C, excluding output loads
——
10
–40°C to +85°C, excluding output loads
Data Input Voltage
VL
–0.3
0.8
V
Logic-0 level, ±10 µA input bias
VH
2.2
VDD
Logic-1 level, 4.75V ≤ VDD ≤ 5.25V
VDD
2
VDD
VDD > 5.25V
Brightness Control Input
Current
0
0.75
mA
Note 1
Output Sink Current
——
10
µA
Segment off, VOUT = 3.0V
0
10
Segment on, VOUT = 1.8V, Note 2;
Brightness input = 0 µA
2.0
2.7
4
mA
Segment on, VOUT = 1.8V, Note 2;
Brightness input = 100 µA
15
25
Segment on, VOUT = 1.8V, Note 2;
Brightness input = 750 µA
Brightness Control Input
Voltage
3.0
4.3
V
Input current = 750 µA
Output Matching
±20
%
Note 3, Note 4
Clock Input Frequency
fC
——
500
kHz
Note 5, Note 6
Clock Input High Time
tH
950
——
ns
Note 5, Note 6
Clock Input Low Time
tL
950
——
ns
Note 5, Note 6
Data Input Setup Time
tDS
300
——
ns
Data Input Hold Setup
Time
tDH
300
——
ns
Data Enable Input Setup
Time
tDES
100
——
ns
Reset Pad Current
–8
8
µA
Die.
Note 1:
With a fixed resistor on the brightness input pin, some variation in brightness will occur among devices.
2:
See Figure 2-1, Figure 2-2, and Figure 2-3 for recommended operating conditions and limits. Absolute
maximum for each output should be limited to 40 mA.
3:
Output matching is calculated as the percent variation of (IMAX + IMIN) / 2.
4:
VOUT should be regulated by user. See Figure 2-2 and Figure 2-3 for allowable VOUT vs. IOUT operation.
5:
AC input waveform specification for test purpose: tR ≤ 200 ns, tF ≤ 20 ns, f = 500 kHz, 50% ±10% duty
cycle.
6:
Clock input rise and fall times must not exceed 300 ns.


Similar Part No. - MM5451YV-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5451YV MICREL-MM5451YV Datasheet
741Kb / 6P
   LED Display Driver
More results

Similar Description - MM5451YV-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com