Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW2300 Datasheet(PDF) 3 Page - Total Power International

Part # MIW2300
Description  DIP-24 Metal Package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW2300 Datasheet(HTML) 3 Page - Total Power International

  MIW2300 Datasheet HTML 1Page - Total Power International MIW2300 Datasheet HTML 2Page - Total Power International MIW2300 Datasheet HTML 3Page - Total Power International MIW2300 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIW2300 SERIES
DC/DC CONVERTER 3W, DIP-Package
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.2g
Bottom View
2
23
15.24 [0.60]
31.8[1.25]
5.08
[0.20]
22
3
11
9
16
14
4.5
[0.18]
2.54
[0.10]
0.50 [0.02]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MIW2300

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2300 MINMAX-MIW2300_11 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
More results

Similar Description - MIW2300

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSGWI06 TOTAL-POWER-MSGWI06 Datasheet
459Kb / 4P
   Ultra compact SMD Package 22.0 x 20.3 x 10.2 mm (0.87 x 0.80 x 0.40 inches)
logo
OSRAM GmbH
LY-R971 OSRAM-LY-R971 Datasheet
202Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LS-R976-NR-1 OSRAM-LS-R976-NR-1 Datasheet
404Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LH-R974 OSRAM-LH-R974 Datasheet
394Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LG-R971 OSRAM-LG-R971 Datasheet
394Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LY-R976 OSRAM-LY-R976 Datasheet
410Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LS-R976 OSRAM-LS-R976 Datasheet
404Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LO-R971 OSRAM-LO-R971 Datasheet
472Kb / 19P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
LO-R976 OSRAM-LO-R976 Datasheet
404Kb / 20P
   SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
logo
EHAOAN.
EH-C193TBKT-5A EHAOAN-EH-C193TBKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.4 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com