Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3544KI-TU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA3544KI-TU
Description  Class AB Stereo Headphone Driver with Mute
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3544KI-TU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA3544KI-TU Datasheet HTML 1Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA3544KI-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.1 - Apr., 2003
APA3541/4
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Class AB Stereo Headphone Driver with Mute
Ordering and Marking Information
Features
The APA3541/4 is an integrated class AB stereo
headphone driver contained in an SO-8 or a DIP-8
plastic package with Mute feature . Besides the com-
mon Mute feature , the APA3541/4 further integrates
a voltage divider inside the chip . Thus , the external
resistors can be eliminated . The APA3541 has a fixed
gain of 0dB and the APA3544 has a fixed gain of 6dB
so that external gain setting is unnecessary. The de-
vice is fabricated in a CMOS process and has been
primarily developed for portable digital audio appli-
cations .
••••• High Signal-to-Noise Ratio
••••• High Slew Rate
••••• Low Distortion
••••• Large Output Voltage Swing
••••• Flexible Mute Function
••••• Excellent Power Supply Ripple Rejection
••••• Low Power Consumption
••••• Short-circuit Elimination
••••• Wide Temperature Range
••••• No Switch ON/OFF Clicks
••••• Integrated Voltage Divider (V
DD/2) to Eliminate
External Resistors
Applications
••••• Portable Digital Audio
General Description
A P A 354 1/4
P a c k age C ode
J : P D IP - 8
K : S O P - 8
Y : C h ip F ro m
T e m p . R a nge
I : - 4 0 to 8 5
C
H a n d ling C ode
T U : Tube
T R : T ape & R eel
°
H a nd ling C ode
T e m p . R a nge
P a c k age C ode
A P A 3541 /4 J :
A P A 3541 /4
XXX XX
XXX XX - Da te C o d e
A P A 3541 /4 K :
A P A 3541 /4
XXX XX
XXX XX - Da te C o d e


Similar Part No. - APA3544KI-TU

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3544KI-TU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com