Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAC400P-490 Datasheet(PDF) 1 Page - Total Power International

Part # TPAC400P-490
Description  THIRD-WIRE CURRENT SHARING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC400P-490 Datasheet(HTML) 1 Page - Total Power International

  TPAC400P-490 Datasheet HTML 1Page - Total Power International TPAC400P-490 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING
SWITCHING POWER SUPPLIES
TPAC400P SERIES
GENERAL SPECIFICATION
Efficiency: Typical 78%.
Switching Frequency: 120K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 250mV and
returns to within 1% less than 1.0mS for 25% load-change.
Safety Standard: IEC 60950-1 Class I.
Construction: Eurocard 6U X 8HP X 160mm
CompactPCI format. Front Panel with Extractor handle.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C.
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.04% / °C.
Cooling: At least 600LFM/20CFM moving air is required to
achieve full rating power 400W in a confined area.
Power Density: 3.98 Watts/ Cubic Inch.
NOTE: (1)All measurement are at nominal input, full load and +25°C unless otherwise specifications.
(2)Due to requests in market and advances in technology, specifications subject to change without notification.
FEATURES:
400W 6U X 8HP EUROCARD PACKAGE
MEET IEC 61000-3-2 HARMONIC
CORRECTION
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 CLASS A
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2.Power Factor typ. 0.99.
Input Connector: Positronic 47-pin PCIH47M400A1.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 30Arms at 230Vac.(Active).
Input Current: 5.1A at 115Vac/2.6A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1 regulation.
Transient Protection: MOV withstands transient as
specified by EN 61000-4-4 level 3.
EMI: Meet EN 55022 Class A.
Hold-up Time: 30mS at 115Vac,34mS at 230Vac.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC and thermostat
for thermal sensor at [DEG#] pin.
Leakage Current: Typ. 0.7mA at 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Power: Typ. 400-450W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.1%.
Load Regulation: VO1 typ. ±1.0% , VO2 typ. ±1.5%.
VO3 typ. ±3.0%, VO4 typ. ±3.0%.
Noise & Ripple: 1% peak-peak or 50mV, whichever is greater.
OVP: Built-in at all outputs.
Adjustability: Available at VO1, 2 &3.
Output Trim: Electrical trim available at VO1/2. [ADJ #].
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Installed with internal OR-ing diodes at all
outputs and third-wire current sharing
method for N+1 redundancy operation.
Current Sharing: Third-wire current sharing at VO1,2 & 3.
DC OK Signal: Available for all outputs.
Power OK Signal: Available for all outputs.
Over Current Protection (OCP): Installed at each rail.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typ. 120-130% max. load.
Consult the factory for special OLP setting.
For the details of safety approval, please consult the factory.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPAC400P-490

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC400P-490 TOTAL-POWER-TPAC400P-490 Datasheet
367Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 SWITCHING POWER SUPPLIES TPAC400P SERIESWATTS ACTIVE CURRENT SHARING
More results

Similar Description - TPAC400P-490

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS250 ARTESYN-LPS250 Datasheet
492Kb / 3P
   Single wire current sharing
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
   Single wire current sharing
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
   Parallel capable with single wire current sharing
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
[Old version datasheet]   Modular Current Sharing Controller
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
   800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
logo
STMicroelectronics
AN1126 STMICROELECTRONICS-AN1126 Datasheet
197Kb / 16P
   CURRENT SHARING OF THE L4973
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
ON Semiconductor
CS5305 ONSEMI-CS5305 Datasheet
879Kb / 33P
   Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
July, 2006 ??Rev. 7
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com