Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPEMP250G Datasheet(PDF) 2 Page - Total Power International

Part # TPEMP250G
Description  NO LOAD POWER CONSUMPTION <0.5W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMP250G Datasheet(HTML) 2 Page - Total Power International

  TPEMP250G Datasheet HTML 1Page - Total Power International TPEMP250G Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-2-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
O/P CURRENT
MODEL NO.
AC INLET
O/P VOLTAGE
Typical
Max.
TPEMP250G-S120166-7
IEC320-C14(DT7)
12Vdc
15.00A
16.6A
TPEMP250G-S240104-7
IEC320-C14(DT7)
24Vdc
9.58A
10.4A
TPEMP250G-S480052-7
IEC320-C14(DT7)
48Vdc
4.80A
5.2A
Remark: For LED Indicator, add suffix ‘(A)’ to model number.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1216.5g (42.91Oz)
Input Voltage Derating


Similar Part No. - TPEMP250G

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G-S120650-7L TOTAL-POWER-TPEMP100G-S120650-7L Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G-S120650-8 TOTAL-POWER-TPEMP100G-S120650-8 Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G-S150620-7L TOTAL-POWER-TPEMP100G-S150620-7L Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G-S150620-8 TOTAL-POWER-TPEMP100G-S150620-8 Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPEMP250G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
   Less than 0.5W no-load Power Consumption
logo
ETA-USA
OAC-20 ETA-USA-OAC-20 Datasheet
1Mb / 3P
   20W AC/DC No Load Consumption 0.5W
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
   Low No Load Power Consumption
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
   0.25W max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
   30mW max. No Load Power Consumption
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
   Ultra-low no load power consumption
logo
Recom International Pow...
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
   35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
   35mW max. No Load Power Consumption
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
   30mW max. No Load Power Consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com