Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2307 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2307
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2307 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2307 Datasheet HTML 1Page - Anpec Electronics Coropration APM2307 Datasheet HTML 2Page - Anpec Electronics Coropration APM2307 Datasheet HTML 3Page - Anpec Electronics Coropration APM2307 Datasheet HTML 4Page - Anpec Electronics Coropration APM2307 Datasheet HTML 5Page - Anpec Electronics Coropration APM2307 Datasheet HTML 6Page - Anpec Electronics Coropration APM2307 Datasheet HTML 7Page - Anpec Electronics Coropration APM2307 Datasheet HTML 8Page - Anpec Electronics Coropration APM2307 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2003
www.anpec.com.tw
2
APM2307
Notes
a
: Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b
: Guaranteed by design, not subject to production testing
Absolute Maximum Ratings Cont. (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
T
A=25
°C
1.25
P
D
Maximum Power Dissipation
T
A=100
°C
0.5
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
R
θjA
Thermal Resistance – Junction to Ambient
100
°C/W
APM2307
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V , IDS=-250
µA
-30
V
IDSS
Zero Gate Voltage Drain
Current
VDS=-24V , VGS=0V
-1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250
µA
-1
-3
V
IGSS
Gate Leakage Current
VGS=
±20V , VDS=0V
±100
nA
VGS=-10V , IDS=-3A
100
120
RDS(ON)a
Drain-Source On-state
Resistance
VGS=-4.5V , IDS=-2.5A
140
170
m
VSDa
Diode Forward Voltage
ISD=-1.25A , VGS=0V
0.6
1.3
V
Dynamicb
Qg
Total Gate Charge
813
Qgs
Gate-Source Charge
1.9
Qgd
Gate-Drain Charge
VDS=-15V , IDS=-3A
VGS=-10V
1.1
nC
td(ON)
Turn-on Delay Time
10
20
Tr
Turn-on Rise Time
820
td(OFF)
Turn-off Delay Time
25
50
Tf
Turn-off Fall Time
VDD=-15V , IDS=-1A ,
VGEN=-10V , RG=6
RL=15
515
ns
Ciss
Input Capacitance
550
Coss
Output Capacitance
120
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-25V
Frequency=1.0MHz
75
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)


Similar Part No. - APM2307

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2300A ANPEC-APM2300A Datasheet
603Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2300AA ANPEC-APM2300AA Datasheet
114Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2300AAC-TR ANPEC-APM2300AAC-TR Datasheet
603Kb / 9P
   N-Channel Enhancement Mode MOSFET
APM2300AAC-TR ANPEC-APM2300AAC-TR Datasheet
114Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2300AAC-TRL ANPEC-APM2300AAC-TRL Datasheet
114Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2307

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com