Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMFJ51A Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # P4SMFJ51A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4SMFJ51A Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  P4SMFJ51A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4SMFJ51A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4SMFJ51A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4SMFJ51A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4SMFJ Series
Package
BreakdownVoltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
Peak
Pulse
Current
SMF
Reverse
Stand-of
f
Voltage
VBR@IT
IR@ VRWM
Part Number
VRWM
Min.
Max.
IT
UNI
BI
Vc@Ipp
Ipp
Device Marking Code
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
400W Transient Voltage Suppresor
P4SMFJ33A
P4SMFJ33CA
33.0
36.70
40.60
1
5.0
5.0
53.3
7.5
33A
33D
P4SMFJ36
P4SMFJ36C
36.0
40.00
48.90
1
5.0
5.0
64.3
6.2
36V
36C
P4SMFJ36A
P4SMFJ36CA
36.0
40.00
44.20
1
5.0
5.0
58.1
6.9
36A
36D
P4SMFJ40
P4SMFJ40C
40.0
44.40
54.30
1
5.0
5.0
71.4
5.6
40V
40C
P4SMFJ40A
P4SMFJ40A
40.0
44.40
49.10
1
5.0
5.0
64.5
6.2
40A
40D
P4SMFJ43
P4SMFJ43C
43.0
47.80
58.40
1
5.0
5.0
76.7
5.2
43V
43C
P4SMFJ43A
P4SMFJ43CA
43.0
47.80
52.80
1
5.0
5.0
69.4
5.8
43A
43D
P4SMFJ45
P4SMFJ45C
45.0
50.00
61.10
1
5.0
5.0
80.3
5.0
45V
45C
P4SMFJ45A
P4SMFJ45CA
45.0
50.00
55.30
1
5.0
5.0
72.7
5.5
45A
45D
P4SMFJ48
P4SMFJ48C
48.0
53.30
65.10
1
5.0
5.0
85.5
4.7
48V
48C
P4SMFJ48A
P4SMFJ48CA
48.0
53.30
58.90
1
5.0
5.0
77.4
5.2
48A
48D
P4SMFJ51
P4SMFJ51C
51.0
56.70
69.30
1
5.0
5.0
91.1
4.4
51V
51C
P4SMFJ51A
P4SMFJ51CA
51.0
56.70
62.70
1
5.0
5.0
82.4
4.9
51A
51D
P4SMFJ54
P4SMFJ54C
54.0
60.00
73.30
1
5.0
5.0
96.3
4.2
54V
54C
P4SMFJ54A
P4SMFJ54CA
54.0
60.00
66.30
1
5.0
5.0
87.1
4.6
54A
54D
P4SMFJ58
P4SMFJ58C
58.0
64.40
78.70
1
5.0
5.0
103.0
3.9
58V
58C
P4SMFJ58A
P4SMFJ58CA
58.0
64.40
71.20
1
5.0
5.0
93.6
4.3
58A
58D
P4SMFJ60
P4SMFJ60C
60.0
66.70
81.50
1
5.0
5.0
107.0
3.7
60V
60C
P4SMFJ60A
P4SMFJ60CA
60.0
66.70
73.70
1
5.0
5.0
96.8
4.1
60A
60D
P4SMFJ64
P4SMFJ64C
64.0
71.10
86.90
1
5.0
5.0
114.0
3.5
64V
64C
P4SMFJ64A
P4SMFJ64CA
64.0
71.10
78.60
1
5.0
5.0
1030
3.9
64A
64D
P4SMFJ70
P4SMFJ70C
70.0
77.80
95.10
1
5.0
5.0
125.0
3.2
70V
70C
P4SMFJ70A
P4SMFJ70CA
70.0
77.80
86.00
1
5.0
5.0
1130
3.5
70A
70D
P4SMFJ75
P4SMFJ75C
75.0
83.30
102.00
1
5.0
5.0
134.0
3.0
75V
75C
P4SMFJ75A
P4SMFJ75CA
75.0
83.30
92.10
1
5.0
5.0
121.0
3.0
75A
75D
P4SMFJ78
P4SMFJ78C
78.0
86.70
106.00
1
5.0
5.0
139.0
2.9
78V
78C
P4SMFJ78A
P4SMFJ78CA
78.0
86.70
95.80
1
5.0
5.0
126.0
3.2
78A
78D
P4SMFJ85
P4SMFJ85C
85.0
94.40
115.00
1
5.0
5.0
151.0
2.0
85V
85C
P4SMFJ85A
P4SMFJ85CA
85.0
94.40
104.00
1
5.0
5.0
137.0
2.2
85A
85D
P4SMFJ90
P4SMFJ90C
90.0
100.00
122.00
1
5.0
5.0
1600
1.9
90V
90C
P4SMFJ90A
P4SMFJ90CA
90.0
100.00
111.00
1
5.0
5.0
146.0
2.1
90A
90D
P4SMFJ100
P4SMFJ100C
100.0
111.00
136.00
1
5.0
5.0
179.0
1.7
100V
100C
P4SMFJ100A
P4SMFJ100CA
100.0
111.00
123.00
1
5.0
5.0
162.0
1.9
100A
100D
P4SMFJ110
P4SMFJ110C
110.0
122.00
149.00
1
5.0
5.0
196.0
1.5
110V
110C
P4SMFJ110A
P4SMFJ110CA
110.0
122.00
135.00
1
5.0
5.0
177.0
1.7
110A
110D
P4SMFJ120
P4SMFJ120C
120.0
133.00
163.00
1
5.0
5.0
214.0
1.4
120V
120C
P4SMFJ120A
P4SMFJ120CA
120.0
133.00
147.00
1
5.0
5.0
193.0
1.6
120A
120D
P4SMFJ130
P4SMFJ130C
130.0
144.00
176.00
1
5.0
5.0
231.0
1.3
130V
130C
P4SMFJ130A
P4SMFJ130CA
130.0
144.00
159.00
1
5.0
5.0
209.0
1.4
130A
130D
P4SMFJ150
P4SMFJ150C
150.0
167.00
204.00
1
5.0
5.0
268.0
1.1
150V
150C
P4SMFJ150A
P4SMFJ150CA
150.0
167.00
185.00
1
5.0
5.0
243.0
1.2
150A
150D
P4SMFJ160
P4SMFJ160C
160.0
178.00
218.00
1
5.0
5.0
287.0
1.1
160V
160C
P4SMFJ160A
P4SMFJ160CA
160.0
178.00
197.00
1
5.0
5.0
259.0
1.2
160A
160D
P4SMFJ170
P4SMFJ170C
170.0
189.00
231.00
1
5.0
5.0
304.0
1.1
170V
170C
P4SMFJ170A
P4SMFJ170CA
170.0
189.00
209.00
1
5.0
5.0
275.0
1.1
170A
170D
P4SMFJ188
P4SMFJ188C
188.0
209.00
255.00
1
5.0
5.0
344.0
0.9
188V
188C
P4SMFJ188A
P4SMFJ188CA
188.0
209.00
231.00
1
5.0
5.0
328.0
0.9
188A
188D
http://www.yeashin.com
3
REV.03 20150105


Similar Part No. - P4SMFJ51A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
P4SMFJ51A YEASHIN-P4SMFJ51A Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ51A YEASHIN-P4SMFJ51A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DIYI Electronic Technol...
P4SMFJ51A DYELEC-P4SMFJ51A Datasheet
2Mb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMFJ51A LEIDITECH-P4SMFJ51A Datasheet
3Mb / 7P
   Surface Mount - 400W
01.06.2019
More results

Similar Description - P4SMFJ51A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com