Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARL2508 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # ARL2508
Description  VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

ARL2508 Datasheet(HTML) 1 Page - ZP Semiconductor

  ARL2508 Datasheet HTML 1Page - ZP Semiconductor ARL2508 Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: transfer molded plastic
Technology: button with vcauum soldered
Epoxy: UL94V-0 rate flame retardant
Polarity: color ring denotes cathode
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weigth: ARL 2.70 grams, ARSL 2.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols ARL2501 ARL2502 ARL2504 ARL2506 ARL2508 ARL2510 ARL2512
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
1200
Volts
Maximum RM S voltage
VRMS
70
140
280
420
560
700
840
Volts
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
1200
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
300
Amps
Rating for fusing(t<8.3ms)
I
2t
374
A
2S
Maximum instantaneous forward voltage
drop at 35A
VF
1.0
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
500
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
HIGH VOLTAGE BUTTON
Dimensions in inches and millimeters
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.410(10.4)
.380( 9.7)
DIA
DIA
Max28.0mm
Min25.4mm
.051(1.3)
.047(1.2)
DIA
ARL
VOLTAGE RANGE
100 TO 1200 VOLTS
CURRENT 25AMPS
DIODES FOR AUTOMOTIVE
ARL2501 THRU ARL2512


Similar Part No. - ARL2508

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
ARL2508 ZPSEMI-ARL2508 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2508 ZPSEMI-ARL2508 Datasheet
201Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
Shanghai Lunsure Electr...
ARL2508F CHENYI-ARL2508F Datasheet
158Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
More results

Similar Description - ARL2508

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2502 ZPSEMI-ARL2502 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL3501 ZPSEMI-ARL3501 Datasheet
127Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 35AMPS
logo
Kwang Myoung I.S. CO.,L...
AR251 KISEMICONDUCTOR-AR251 Datasheet
189Kb / 2P
   BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS
logo
WILLAS ELECTRONIC CORP
R1200F WILLAS-R1200F Datasheet
446Kb / 2P
   VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
R1200 WILLAS-R1200 Datasheet
412Kb / 2P
   VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere
logo
Rectron Semiconductor
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
   HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Kersemi Electronic Co.,...
MBR25100CT KERSEMI-MBR25100CT Datasheet
2Mb / 2P
   Voltage Range 100 Volts Current 25.0 Amperes
logo
Rectron Semiconductor
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com