Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3541KI-TR Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA3541KI-TR
Description  Class AB Stereo Headphone Driver with Mute
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3541KI-TR Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA3541KI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 10Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 11Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 12Page - Anpec Electronics Coropration APA3541KI-TR Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.1 -Apr., 2003
APA3541/4
www.anpec.com.tw
9
Packaging Information
1
D
E1
A2
A1
A
L
e2
e 3
e 1
E
E3
1
PDIP-8 pin ( Reference JEDEC Registration MS-001)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.68
0.115
0.145
D
9.02
10.16
0.355
0.400
e1
2.54BSC
0.100BSC
e2
0.36
0.56
0.014
0.022
e3
1.14
1.78
0.045
0.070
E
7.62 BSC
0.300 BSC
E1
6.10
7.11
0.240
0.280
E3
10.92
0.430
L
2.92
3.81
0.115
0.150
φ 115°
15
°


Similar Part No. - APA3541KI-TR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA300 ACTEL-APA300 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA300 MICROSEMI-APA300 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA300 MICROSEMI-APA300 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA300 ACTEL-APA300 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA3541KI-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com