Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ130 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # 1.5SMCJ130
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1.5SMCJ130 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  1.5SMCJ130 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1.5SMCJ130 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1.5SMCJ130 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1.5SMCJ130 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1.5SMCJ130 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
5.0
5.0
405.0
3.7
1
5.0
5.0
486.0
1
5.0
5.0
567.0
1
5.0
5.0
648.0
1
5.0
5.0
713.0
CJ250A
CJ250CA
CJ300A
CJ300CA
CJ350A
CJ350CA
CJ400A
CJ400CA
CJ440A
CJ440CA
3.1
2.3
2.1
C250A
C250D
C300A
C300D
C350A
C350D
C400A
C400D
C440A
C440D
279.00
309.00
250.0
335.00
371.00
300.0
391.00
432.00
350.0
447.00
494.00
400.0
492.00
543.00
440.0
2.6
http://www.yeashin.com
4
REV.04 20150105
1.5SMCJ Series
Package
BreakdownVoltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
Peak
Pulse
Current
SMC/DO-214AB
Reverse
Stand-off
Voltage
VBR@
T
R@ VRWM
Part Number
VRWM
Min.
Max.
T
UNI
BI
Vc@Ipp
Ipp
Device Marking Code
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
1500W Transient Voltage Suppresor
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM
1.5SM


Similar Part No. - 1.5SMCJ130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ130 PANJIT-1.5SMCJ130 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ130 WTE-1.5SMCJ130 Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ130 DIOTEC-1.5SMCJ130 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ130 WTE-1.5SMCJ130 Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ130 PANJIT-1.5SMCJ130 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ130

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com