Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS35A-27Y Datasheet(PDF) 3 Page - Total Power International

Part # TPS35A-27Y
Description  Optional output cable and plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS35A-27Y Datasheet(HTML) 3 Page - Total Power International

  TPS35A-27Y Datasheet HTML 1Page - Total Power International TPS35A-27Y Datasheet HTML 2Page - Total Power International TPS35A-27Y Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPS35A
SWITCHING MODE 25W/35W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTI`ON CHART
+3.3V
Fixed
3A
3.9A
0.3A
±
5%
±
1.5%
+ 5V
Fixed
2.8A
3.9A
0.28A
±
5%
±
1%
PPS35A-39Y
+12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
35W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version.
8) Above data is measured at the output plug/connector of 1M long cable. Please contact us if need special cable and connector.
9) For single 3.3V output, the output is 19.8W maximum; For single 5V output, the output is 30W maximum.
For multiple outputs with 3.3V as V1, the output is 27W maximum; For multiple outputs with 5V as V1, the output 30W maximum.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - TPS35A-27Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS35AA17AGADDFR TI-TPS35AA17AGADDFR Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35AA17AGADDFR TI1-TPS35AA17AGADDFR Datasheet
2Mb / 47P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35AA17AGADDFR TI1-TPS35AA17AGADDFR Datasheet
1Mb / 44P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
TPS35AA38AGADDFRQ1 TI-TPS35AA38AGADDFRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35AA38AGADDFRQ1 TI1-TPS35AA38AGADDFRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
More results

Similar Description - TPS35A-27Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGR-3200 LITTELFUSE-PGR-3200 Datasheet
498Kb / 1P
   Analog output and optional meter
logo
SICK AG
DOL-1205-G02MC SICK-DOL-1205-G02MC Datasheet
264Kb / 4P
   Plug connectors and cable
DSL-1285-G0M1C SICK-DSL-1285-G0M1C Datasheet
267Kb / 4P
   Plug connectors and cable
STE-7805-GK SICK-STE-7805-GK Datasheet
348Kb / 4P
   Plug connectors and cable
logo
TRACO Electronic AG
TPP450-AUX1 TRACOPOWER-TPP450-AUX1 Datasheet
224Kb / 1P
   Optional cable for auxilary output connection of TPP 450
Rev. June 28, 2021
TPP450-AUX2 TRACOPOWER-TPP450-AUX2 Datasheet
95Kb / 1P
   Optional cable for auxilary output connection of TPP 450
Rev. Febrary 26, 2019
logo
Kycon, Inc.
KMDLAX KYCON-KMDLAX Datasheet
353Kb / 1P
   Snap and Lock Cable Mount Plug
logo
MolexKits
76650-0194 MOLEXKITS-76650-0194 Datasheet
38Kb / 2P
   I/O Plug, Receptacle and Cable
76650-0149 MOLEXKITS-76650-0149 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com