Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ170A Datasheet(PDF) 5 Page - Yea Shin Technology Co., Ltd

Part # P6SMBJ170A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P6SMBJ170A Datasheet(HTML) 5 Page - Yea Shin Technology Co., Ltd

  P6SMBJ170A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P6SMBJ170A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P6SMBJ170A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P6SMBJ170A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd P6SMBJ170A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
http://www.yeashin.com
5
REV.04 20150517
P6SMBJ Series
DEVICE CHARACTERISTICS
td,PULSE WIDTH, micro sec
T,TIME,ms
NUMBER OF CYCLES AT 60Hz
T ,AMBIENT TEMPERATURE, C
A
O
0.1
0.1
1.0
Non-Repetitve
Pulse Wavefom
Shown in Figure.3
T= 25 C
A
O
Mounted on 5.0mm
Copper Land Areas
1.0
10
10
100
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Ha lf Va lue -Ip p
2
e-kt
td
T= 25 C
Pulse Width (td) is Defined
as the Point where the Peak
Current Decayst to 50% of Ipp
A
O
tf = 10usec
Peak Value
Ippm
200
100
50
10
1
5
10
50
100
T= Tm a x
8.3m sSing leHa lfSine -Wa ve
JEDEC M e tho d
JJ
V(
),
BREAKDOWN VOLTAGE ,VOLTS
BR
Fig.3 PULSE WAVE FORM
Fig.1 PEAK PULSE POWER RATING CURVE
Fig.2 DERATING CURVE
Fig.4 TYPICAL CAPACITANCE
Fig.5 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT


Similar Part No. - P6SMBJ170A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ170A PANJIT-P6SMBJ170A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Won-Top Electronics
P6SMBJ170A WTE-P6SMBJ170A Datasheet
79Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6SMBJ170A SUNMATE-P6SMBJ170A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P6SMBJ170A SURGE-P6SMBJ170A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Diotec Semiconductor
P6SMBJ170A DIOTEC-P6SMBJ170A Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6SMBJ170A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com