Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50A-30Y Datasheet(PDF) 3 Page - Total Power International

Part # TPS50A-30Y
Description  TPS50A SWITCHING MODE 50 WATT ADAPTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS50A-30Y Datasheet(HTML) 3 Page - Total Power International

  TPS50A-30Y Datasheet HTML 1Page - Total Power International TPS50A-30Y Datasheet HTML 2Page - Total Power International TPS50A-30Y Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPS50A
SWITCHING MODE 50W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTION CHART
+3.3V
±
10% Typical
3A
4.2A
0.3A
±
5%
±
1.5%
+ 5V
Fixed
4A
5.6A
0.4A
±
5%
±
1%
PPS50A-39
+12V
Fixed
0.9A
1.08A
0.09A
±
10%
±
1%
45W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version.
8) Above data is measured at the output plug/connector of 1M long cable. Please contact us if need special cable and connector
9) For single 3.3V output, the output is 29.7W maximum; For single 5V output, the output is 45W maximum.
For multiple outputs with 3.3V as V1, the output is 27W maximum; For multiple outputs with 5V as V1, the output is 30W maximum.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - TPS50A-30Y

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPS5022DC-100M TOKEN-TPS5022DC-100M Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
TPS5022DC-101M TOKEN-TPS5022DC-101M Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
TPS5022DC-102M TOKEN-TPS5022DC-102M Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
TPS5022DC-150M TOKEN-TPS5022DC-150M Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
TPS5022DC-151M TOKEN-TPS5022DC-151M Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
More results

Similar Description - TPS50A-30Y

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Astrodyne Corporation
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
   110 WATT POWER ADAPTERS
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3RE TRUMPOWER-3RE Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com