Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV252 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQV252
Description  HE (High-function Economy) Type [1-Channel (Form A) Type]
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV252 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQV252 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV252 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV252 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV252 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AQV25r
163
REFERENCE DATA
1.-(1) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F ;
Type of connection: A
1.-(2) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F ;
Type of connection: A
2.-(1) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: Max. (DC)
0
0.2
0.4
Ambient temperature,
°C
0.6
020
40
60
–20
8085 100
–40
AQV251
AQV252
AQV255
0.1
0.3
0.5
AQV257
AQV253(H)
AQV254(H)
0
20
40
020
40
60
–20
8085 100
–40
AQV259
10
30
50
AQV258
Ambient temperature,
°C
0
0.4
0.6
0.8
1.0
–40
1.2
0
–20
20
40
60
80
0.2
AQV255
1.6
1.8
2.0
1.4
AQV252
AQV251
Ambient temperature,
°C
2.-(2) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: Max. (DC)
2.-(3) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA;
Continuous load current: 30 mA (DC)
3.-(1) Turn on time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
4
6
8
10
–40
12
0
–20
20
40
60
8085
2
16
18
20
14
AQV253(H)
AQV257
AQV254(H)
Ambient temperature,
°C
0
100
200
–40
300
0
–20
20
40
60
8085
AQV258
400
500
AQV259
Ambient temperature,
°C
0
2
–40
4
020
40
60
80
1
3
–20
AQV251
85
AQV252
AQV257
AQV253
AQV254
AQV259
AQV258
Ambient temperature,
°C
3.-(2) Turn on time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4.-(1) Turn off time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
4.-(2) Turn off time vs. ambient temperature
characteristics
Sample: AQV253H, AQV254H
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
Ambient temperature,
°C
0
2
–40
–20
5
020
40
60
80
1
3
85
4
AQV253H
AQV254H
0
0.2
0.3
–40
0.4
020
40
60
8085
0.1
–20
AQV251,AQV252,AQV255
AQV253,AQV257
AQV254
Ambient temperature,
°C
AQV259,AQV258
Ambient temperature,
°C
0
0.2
0.3
–40
–20
0.5
0
204060
80
0.1
0.4
85
5.-(1) LED operate current vs. ambient temper-
ature characteristics
Sample: AQV251, AQV252, AQV253, AQV254,
AQV259; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5.-(2) LED operate current vs. ambient temper-
ature characteristics
Sample: AQV253H,AQV254H;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. -(1) LED turn off current vs. ambient temper-
ature characteristics
Sample: AQV251, AQV252, AQV253, AQV254,
AQV259; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
2
3
–40
4
020
40
60
80
1
–20
85
Ambient temperature,
°C
Ambient temperature,
°C
0
2
3
–40
–20
5
020
40
60
80 85
1
4
0
2
3
–40
020
40
60
80
1
4
–20
85
Ambient temperature,
°C


Similar Part No. - AQV252

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV252 PANASONIC-AQV252 Datasheet
88Kb / 4P
   Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV252A PANASONIC-AQV252A Datasheet
88Kb / 4P
   Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV252AX PANASONIC-AQV252AX Datasheet
88Kb / 4P
   Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV252AZ PANASONIC-AQV252AZ Datasheet
88Kb / 4P
   Both low on-resistance and good cost-performance achieved. Measuring instruments
AQV252G PANASONIC-AQV252G Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
More results

Similar Description - AQV252

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV252GA PANASONIC-AQV252GA Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
logo
Nais(Matsushita Electri...
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com