Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1703DW Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1703DW
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1703DW Datasheet(HTML) 1 Page - Anachip Corp

  AP1703DW Datasheet HTML 1Page - Anachip Corp AP1703DW Datasheet HTML 2Page - Anachip Corp AP1703DW Datasheet HTML 3Page - Anachip Corp AP1703DW Datasheet HTML 4Page - Anachip Corp AP1703DW Datasheet HTML 5Page - Anachip Corp AP1703DW Datasheet HTML 6Page - Anachip Corp AP1703DW Datasheet HTML 7Page - Anachip Corp AP1703DW Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 May. 7, 2004
1/8
Features
- Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
- Fully Specified Over Temperature
- Available in Three Output Configurations
- Push-Pull RESET Low Output (AP1701/3)
- Push-Pull RESET High Output (AP1702/4)
- 140ms min Power-On Reset Pulse Width
- 12µA Supply Current
- Guaranteed Reset Valid to VCC = +1V
- Power Supply Transient Immunity
- No External Components
- 3-pin SOT23 package
Applications
- Computers
- Controllers
- Intelligent Instruments
- Critical µP and µC Power Monitoring
- Portable/Battery Powered Equipment
- Automotive
General Description
The AP1701/2/3/4 are used for microprocessor (µP)
supervisory circuits to monitor the power supplies in
µP and digital systems. They provide excellent
circuit reliability and low cost by eliminating external
components and adjustments when used with +5V,
+3.3V, +3.0V powered circuits.
These circuits perform a single function: they assert
a reset signal whenever the VCC supply voltage
declines below a preset threshold, keeping it
asserted for at least 140ms after VCC has risen
above the reset threshold. Reset thresholds
suitable for operation with a variety of supply
voltages are available. The AP1701/2/3/4 have
push pull outputs. The AP1701/3 have an active low
RESET output, while the AP1702/4 has an active
high RESET output. The reset comparator is
designed to ignore fast transients on VCC, and the
outputs are guaranteed to be in the correct logic
state for VCC down to 1V. Low supply current
makes the AP1701/2/3/4 ideal for use in portable
equipment. The AP1701/2/3/4 is available in a 3-pin
SOT23 package.
Pin Assignments
(Top View)
1
2
GND
(RESET)
V
CC
SOT-23
AP1701
AP1702
2
3
RESET
(Top View)
1
2
GND
V
CC
SOT-23
AP1703
AP1704
2
3
(RESET)
RESET
Pin Descriptions
Name
Description
GND
Ground
RESET
(RESET)
Reset output pin
L: for AP1701/3
H: for AP1702/4
VCC
Operating voltage input


Similar Part No. - AP1703DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1703DWG-7 DIODES-AP1703DWG-7 Datasheet
516Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
AP1703DWL-7 DIODES-AP1703DWL-7 Datasheet
516Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
More results

Similar Description - AP1703DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com