Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432Q Datasheet(PDF) 6 Page - Anachip Corp

Part # AP432Q
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432Q Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP432Q Datasheet HTML 2Page - Anachip Corp AP432Q Datasheet HTML 3Page - Anachip Corp AP432Q Datasheet HTML 4Page - Anachip Corp AP432Q Datasheet HTML 5Page - Anachip Corp AP432Q Datasheet HTML 6Page - Anachip Corp AP432Q Datasheet HTML 7Page - Anachip Corp AP432Q Datasheet HTML 8Page - Anachip Corp AP432Q Datasheet HTML 9Page - Anachip Corp AP432Q Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
6/16
Typical Performance Characteristics
+
-
Output
GND
15KΩ
8.25KΩ
9µF
I
KA
232Ω
TEST CIRCUIT FOR VOLTAGE AMPLIFICATION
SMALL-SIGNAL VOLTAGE AMPLIFICATION vs. FREQUENCY
0
10
20
30
40
50
60
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
I KA
GND
Output
1KΩ
50Ω
TEST CIRCUIT FOR REFERENCE IMPEDANCE
REFERENCE IMPEDANCE vs. FREQUENCY
0.1
1
10
100
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
150O
I KA
V
BATT
C
L
TEST CIRCUIT FOR CURVE A
+
-
C
L
R1=10KO
R2
I KA
150O
V
BATT
TEST CIRCUIT FOR CURVE B, C, AND D
The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial V
KA and IKA conditions with CL =0.VBATT and
C
L were then adjusted to determine the ranges of stability.
STABILITY BOUNDARY CONDITIONS
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
CL-Load Capacitance-µF
A VKA=Vref
B VKA=5V
C VKA=10V
D VKA=15V
A
B
C
D
Stable
Stable
TA=25oC


Similar Part No. - AP432Q

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432Q ANACHIP-AP432Q Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432Q DIODES-AP432Q Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
logo
Anachip Corp
AP432QA ANACHIP-AP432QA Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432QG-13 DIODES-AP432QG-13 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432QG-7 DIODES-AP432QG-7 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results

Similar Description - AP432Q

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com