Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD203-B1-02EL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ESD203-B1-02EL
Description  Bi-directional ESD / Transient / Surge Protection Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD203-B1-02EL Datasheet(HTML) 4 Page - Infineon Technologies AG

  ESD203-B1-02EL Datasheet HTML 1Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 2Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 3Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 4Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 5Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD203-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ESD203-B1-02 Series
Characteristics
Final Data Sheet
4
Revision 1.3, 2013-12-19
2
Characteristics
2.1
Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
2.2
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Figure 2-1 Definitions of electrical characteristics
Table 2-1
Maximum Ratings at TA = 25 °C, unless otherwise specified
1)
1) Device is electrically symmetrical
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
ESD2)air / contact discharge
2) VESD according to IEC61000-4-2
VESD
--30
kV
Peak pulse current (tp = 8/20 μs)
3)
3) IPP according to IEC61000-4-5
IPP
--5
A
Peak pulse power (tp = 8/20 μs)
3)
PPK
-
-
115
W
Operating temperature range
TOP
-55
-
125
°C
Storage temperature
Tstg
-65
-
150
°C









 
   

 
  



 
 
   
  

    
 
 
   !"# 
 
    

  


Similar Part No. - ESD203-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD203-B1-02EL INFINEON-ESD203-B1-02EL Datasheet
842Kb / 14P
   TVS Diode Transient Voltage Suppressor Diodes
Revision 1.3, 2013-12-19
ESD203-B1-02ELS INFINEON-ESD203-B1-02ELS Datasheet
842Kb / 14P
   TVS Diode Transient Voltage Suppressor Diodes
Revision 1.3, 2013-12-19
More results

Similar Description - ESD203-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD207-B1-02 INFINEON-ESD207-B1-02 Datasheet
1Mb / 16P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
logo
First Silicon Co., Ltd
FTV03G2B FS-FTV03G2B Datasheet
177Kb / 4P
   Bi-directional ESD Protection Diodes
FTV05G2B FS-FTV05G2B Datasheet
181Kb / 4P
   Bi-directional ESD Protection Diodes
logo
Taiwan Semiconductor Co...
TESDUB5V0 TSC-TESDUB5V0 Datasheet
188Kb / 3P
   Bi-directional ESD Protection Diodes
logo
Infineon Technologies A...
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Infineon Technologies A...
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
   Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
   ESD Protection (Bi-Directional)
logo
Infineon Technologies A...
ESD201-B2-03LRH INFINEON-ESD201-B2-03LRH Datasheet
1Mb / 12P
   Bi-directional Dual Diode for ESD/Transient Protection
Revision 1.1, 2012-09-26
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
   Transient Voltage Suppressors for ESD Protection (Bi-directional)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com