Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM400P500M1K8A31 Datasheet(PDF) 6 Page - Vicor Corporation

Part # BCM400P500M1K8A31
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM400P500M1K8A31 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM400P500M1K8A31 Datasheet HTML 2Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 3Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 4Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 5Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 6Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 7Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 8Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 9Page - Vicor Corporation BCM400P500M1K8A31 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BCM® Bus Converter
Rev 1.3
vicorpower.com
Page 6 of 23
05/2015
800 927.9474
BCM400y500x1K8A31
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain (Cont.)
Effective Output capacitance (internal)
COUT_INT
Effective value at 50 VOUT
25.6
µF
Effective Output capacitance (external)
COUT_EXT
Excessive capacitance may drive module into
0
100
µF
SC protection
Array Maximum external output
COUT_AEXT
COUT_AEXT Max = N * 0.5*COUT_EXT Max
capacitance
Powertrain Protection
Startup into a persistent fault condition.
292.5
357.5
ms
Auto Restart Time
tAUTO_RESTART
Non-Latching fault detection given VIN > VIN_UVLO+,
Module will ignore attempts to re-enable during time off
Input overvoltage lockout threshold
VIN_OVLO+
430
440
450
V
Input overvoltage recovery threshold
VIN_OVLO-
420
430
440
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
10
V
Overvoltage lockout response time
tOVLO
10
µs
Soft-Start time
tSOFT-START
From powertrain active
1
ms
Fast Current limit protection disabled during Soft-Start
Output overcurrent trip threshold
IOCP
37.5
47
59
A
Overcurrent Response Time Constant
tOCP
Effective internal RC filter
3.6
ms
Short circuit protection trip threshold
ISCP
52
A
Short circuit protection response time
tSCP
1
µs
Overtemperature shutdown threshold
tOTP
Temperature sensor located inside controller IC
125
ºC
Powertrain Supervisory Limits
Input overvoltage lockout threshold
VIN_OVLO+
420
436
450
V
Input overvoltage recovery threshold
VIN_OVLO-
405
426
440
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
10
V
Overvoltage lockout response time
tOVLO
100
µs
Input undervoltage lockout threshold
VIN_UVLO-
200
226
250
V
Input undervoltage recovery threshold
VIN_UVLO+
225
244
259
V
Input undervoltage lockout hysteresis
VIN_UVLO_HYST
15
V
Undervoltage lockout response time
tUVLO
100
µs
From VIN = VIN_UVLO+ to powertrain active,
Undervoltage startup delay
tUVLO+_DELAY
EN floating, (i.e One time Startup delay from
20
ms
application of VIN to VOUT)
Output Overcurrent Trip Threshold
IOCP
42.5
45
47.5
A
Overcurrent Response Time Constant
tOCP
2
ms
Overtemperature shutdown threshold
tOTP
Temperature sensor located inside controller IC
125
ºC
Undertemperature shutdown threshold
tUTP
Temperature sensor located inside controller IC
-45
ºC
Undertemperature restart time
tUTP_RESTART
Startup into a persistent fault condition. Non-Latching
3
s
fault detection given VIN > VIN_UVLO+
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - BCM400P500M1K8A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM400P500M1K8A31 VICOR-BCM400P500M1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM400P500M1K8A31

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com