Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB0XE120T40XX-XX Datasheet(PDF) 7 Page - Vicor Corporation

Part # IB0XE120T40XX-XX
Description  4:1 Intermediate Bus Converter Module: Up to 500W Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB0XE120T40XX-XX Datasheet(HTML) 7 Page - Vicor Corporation

Back Button IB0XE120T40XX-XX Datasheet HTML 3Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 4Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 5Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 6Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 7Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 8Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 9Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 10Page - Vicor Corporation IB0XE120T40XX-XX Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IBC Module
Rev 1.1
vicorpower.com
Page 7 of 17
09/2016
800 927.9474
IB0xxE120T40xx-xx
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Control & Interface Specifications
Enable (negative logic)
Referenced to –IN
Module enable threshold
0.8
VDC
Module enable current
VEN = 0.8V
130
200
µA
Module disable threshold
2.4
VDC
Modeule disable current
VEN = 2.4V
130
µA
Disable hysteresis
500
mV
Enable pin open circuit voltage
2.5
3.0
VDC
EN to –IN resistance
Open circuit, 10V applied between EN and –IN
35
Enable (positive logic)
Referenced to –IN
Module enable threshold
2.0
2.5
3.0
VDC
Module disable threshold
1.45
VDC
EN source current (operating)
VEN = 5V
2
mA
EN voltage (operating)
4.7
5
5.3
VDC
Electrical Specifications (Cont.)
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.
General Characteristics
• Conditions: TCASE = 25ºC, 75% rated load and specified input voltage range unless otherwise specified.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MTBF
Calculated per Telcordia SR-332, 40°C
1.0
Mhrs
Service life
Calculated at 30°C
7
Years
Overtemperature shut down
TJ ; Converter will reset when overtemperature
condition is removed
125
130
135
ºC
Mechanical
Weight
0.71 / 20.3
oz / g
Length
2.30 / 58.4
in / mm
Width
0.9 / 22.9
in / mm
Height above customer board
0.39 / 9.9
in / mm
Pin solderability
Storage life for normal solderability
1
Years
Moisture sensitivity level
MSL
Not applicable, for wave soldering only
N/A
Clearance to customer board
From lowest component on IBC
0.12 / 3.1
in / mm
Altitude, operating
Derate operating temp 1°C
per 1000 feet above sea level
-500
10000
Feet
Relative humidity, operating
Non condensing
10
90
%
RoHS compliance
Compatible with RoHS directive 2002/95/EC
Agency approvals
UL/CSA 60950-1
cURus
UL/CSA 60950-1, EN60950-1
cTUVus
Low voltage directive (2006/95/EC)
CE


Similar Part No. - IB0XE120T40XX-XX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T32XX-XX VICOR-IB0XE120T32XX-XX Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
More results

Similar Description - IB0XE120T40XX-XX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T32XX-XX VICOR-IB0XE120T32XX-XX Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
IB0XXQ120T53XX-XX VICOR-IB0XXQ120T53XX-XX Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com