Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054Q120T53N2-00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # IB054Q120T53N2-00
Description  4:1 Intermediate Bus Converter Module: Up to 650W Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q120T53N2-00 Datasheet(HTML) 1 Page - Vicor Corporation

  IB054Q120T53N2-00 Datasheet HTML 1Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 2Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 3Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 4Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 5Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 6Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 7Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 8Page - Vicor Corporation IB054Q120T53N2-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IBC Module
Rev 1.1
vicorpower.com
Page 1 of 19
09/2016
800 927.9474
4:1 Intermediate Bus Converter Module: Up to 650W Output
IBC Module
IB0xxQ120T53xx-xx
C
US
®
S
NRTL
CUS
Size:
2.30 x 1.45 x 0.42in
58.4 x 36.8 x 10.6mm
Features & Benefits
Input: 36 – 60VDC
(38 – 55VDC for IB048x)
Output: 12.0VDC at 48VIN
Output current up to 53A
Output power: up to 650W *
2250VDC isolation
(1500VDC isolation for IB048x)
97.9% peak efficiency
Low profile: 0.42” height above
board
Industry standard 1/4 Brick pinout
Sine Amplitude Converter™ (SAC™)
Low noise 1MHz ZVS/ZCS
Typical Applications
Enterprise networks
Optical access networks
Storage networks
Automated test equipment
Product Description
The Intermediate Bus Converter (IBC) Module is a very efficient, low profile,
isolated, fixed ratio converter for power system applications in enterprise and
optical access networks.
Rated at up to 477W from 36VIN and up to 650W from 50 to 60VIN, the IBC
conforms to an industry standard quarter-brick footprint while supplying power greatly
exceeding competitive quarter-bricks. Its leading efficiency enables full load operation
at 55°C with only 200LFM airflow. Its small cross section facilitates unimpeded airflow
— above and below its thin body — to minimize the temperature rise of downstream
components. A baseplate option is available for alternative cooling schemes.
* For lower power applications see 300W model IB0Q120T32xx-xx
Part Ordering Information
Product
Function
Input
Voltage
Package
Output Voltage
(Nom.) x 10
Temperature
Grade
Output
Current
Enable
Logic
Pin Length
Options
I
B
0
x
x
Q
1
2
0
T
5
3
x
x
x
x
IB = Intermediate
Bus Converter
048 = 38 – 55VDC
050 = 36 – 60VDC
054= 36 – 60VDC *
* Operating transient to 75VDC
Q = Quarter Brick
Format
120 = (VOUT nominal @ VIN = 48VDC x 10
(4:1 transfer ratio)
T = -40ºC ≤ TOPERATING ≤ +100ºC
-40ºC ≤ TSTORAGE ≤ +125ºC
N = Negative
P = Positive
53 = Max Rated Output Current
1 = 0.145”
2 = 0.210”
3 = 0.180”
00 = Open frame
BP = Baseplate


Similar Part No. - IB054Q120T53N2-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q120T53N2-00 VICOR-IB054Q120T53N2-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results

Similar Description - IB054Q120T53N2-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T32XX-XX VICOR-IB0XE120T32XX-XX Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
IB0XE120T40XX-XX VICOR-IB0XE120T40XX-XX Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com