Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD101-B1-02EL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ESD101-B1-02EL
Description  TVS (Transient Voltage Suppressor)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD101-B1-02EL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ESD101-B1-02EL Datasheet HTML 6Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 7Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 8Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 9Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 10Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 11Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 12Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 13Page - Infineon Technologies AG ESD101-B1-02EL Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ESD101-B1-02 Series
Typical Characteristics Diagrams
Final Data Sheet
10
Revision 1.3, 2015-07-13
Figure 9
Insertion loss vs. frequency in a 50 Ω system (ESD101-B1-02ELS)
-5
-4
-3
-2
-1
0
0.1
1
10
f [GHz]


Similar Part No. - ESD101-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD101-B1-02EL LEIDITECH-ESD101-B1-02EL Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results

Similar Description - ESD101-B1-02EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
Tiger Electronic Co.,Lt...
5KP5.0 TGS-5KP5.0 Datasheet
270Kb / 4P
   TVS Transient Voltage Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com