Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054Q120T53N3-00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # IB054Q120T53N3-00
Description  4:1 Intermediate Bus Converter Module: Up to 650W Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q120T53N3-00 Datasheet(HTML) 4 Page - Vicor Corporation

  IB054Q120T53N3-00 Datasheet HTML 1Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 2Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 3Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 4Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 5Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 6Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 7Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 8Page - Vicor Corporation IB054Q120T53N3-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IBC Module
Rev 1.1
vicorpower.com
Page 4 of 19
09/2016
800 927.9474
IB0xxQ120T53xx-xx
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Input Range Specific Characteristics
Part Number IB054Q120T53xx-xx
Operating input voltage
36
48
60
VDC
Non-operating input surge withstand
< 100ms
75
VDC
Operating input dV / dt
0.003
5
V / µs
Undervoltage protection
Turn–on
31
36
VDC
Turn–off
29
34
VDC
Turn–on / turn–off hysteresis
2
VDC
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn–off
76
79.5
VDC
Turn–on
75
78
VDC
Time constant
4
µs
DC output voltage band
No load, over VIN range
9
12
15
VDC
Output OVP set point
Module will shut down
19
19.8
VDC
Dielctric withstand
Input to output and input to baseplate; 1min
2250
VDC
Output to baseplate
707
Insulation resistance
Input to output
30
Electrical Specifications (Cont.)
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.


Similar Part No. - IB054Q120T53N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q120T53N3-00 VICOR-IB054Q120T53N3-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results

Similar Description - IB054Q120T53N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T32XX-XX VICOR-IB0XE120T32XX-XX Datasheet
996Kb / 17P
   4:1 Intermediate Bus Converter Module: Up to 300W Output
IB0XE120T40XX-XX VICOR-IB0XE120T40XX-XX Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com