Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V3U4U-HDMI Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ESD5V3U4U-HDMI
Description  Transient Voltage Suppressor Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V3U4U-HDMI Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ESD5V3U4U-HDMI_12 Datasheet HTML 7Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 8Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 9Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 10Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 11Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 12Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 13Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 14Page - Infineon Technologies AG ESD5V3U4U-HDMI_12 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ESD5V3U4U-HDMI
Characteristics
FinalData Sheet
11
Revision 1.1, 2012-07-03
Figure 3-10 IEC61000-4-2
V
CL = f(t), 15 kV positive pulse, (I/O to GND)
Figure 3-11 IEC61000-4-2
V
CL = f(t), 15 kV negative pulse, (I/O to GND)
-10
0
10
20
30
40
50
60
70
80
90
100
110
-100
0
100 200 300 400 500 600 700 800 900
tp [ns]
VCL-max-peak = 104.8 [V]
VCL-30ns-peak = 24.1 [V]
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
0
100 200 300 400 500 600 700 800 900
tp [ns]
VCL-max-peak = -105.1 [V]
VCL-30ns-peak = -13.7 [V]


Similar Part No. - ESD5V3U4U-HDMI_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
   Ultra-Low Capacitance ESD Array
2008-10-29
More results

Similar Description - ESD5V3U4U-HDMI_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com