Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V3U2U-03F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ESD5V3U2U-03F
Description  Uni-directional Ultra Low ESD / Transient Protection Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V3U2U-03F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ESD5V3U2U-03F Datasheet HTML 6Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 7Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 8Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 9Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 10Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 11Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 12Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 13Page - Infineon Technologies AG ESD5V3U2U-03F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ESD5V3U2U Series
Typical characteristics
FinalData Sheet
10
Revision 1.3, 2013-08-16
Figure 3-5 IEC61000-4-2: VCL = f(t), 8 kV positive pulse from pin 1 to pin 2 (R = 330 Ω, C = 150 pF)
Figure 3-6 IEC61000-4-2: VCL = f(t), 8 kV negative pulse from pin 1 to pin 2 (R = 330 Ω, C = 150 pF)
-10
0
10
20
30
40
50
60
70
80
90
-100
0
100 200 300 400 500 600 700 800 900
tp [ns]
VCL-max-peak = 82.2 [V]
VCL-30ns-peak = 17.3 [V]
Scope: 20 GS/s
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
0
100 200 300 400 500 600 700 800 900
tp [ns]
VCL-max-peak = -76.1 [V]
VCL-30ns-peak = -8.9 [V]
Scope: 20 GS/s


Similar Part No. - ESD5V3U2U-03F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U2U-03F INFINEON-ESD5V3U2U-03F Datasheet
558Kb / 8P
   Ultra-Low Capacitance ESD Diode Array
2008-09-04
More results

Similar Description - ESD5V3U2U-03F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U1U-02LS INFINEON-ESD5V3U1U-02LS_11 Datasheet
1Mb / 21P
   Uni-directional Ultra-Low Capacitance ESD / Transient Protection Diode
Revision 1.0, 2011-05-27
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
   Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
First Silicon Co., Ltd
FTV05CUDFN1006 FS-FTV05CUDFN1006 Datasheet
316Kb / 3P
   Uni-directional ESD Protection Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
   Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
   Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
logo
TECH PUBLIC Electronics...
ESD5V3U04-0201 TECHPUBLIC-ESD5V3U04-0201 Datasheet
1Mb / 4P
   Uni-directional Ultra Low Capacitance ESD
logo
FutureWafer Tech Co.,Lt...
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
logo
Infineon Technologies A...
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com