Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V3U2U-03LRH Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ESD5V3U2U-03LRH
Description  Uni-directional Ultra Low ESD / Transient Protection Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V3U2U-03LRH Datasheet(HTML) 4 Page - Infineon Technologies AG

  ESD5V3U2U-03LRH Datasheet HTML 1Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 2Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 3Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 4Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 5Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 6Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 7Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 8Page - Infineon Technologies AG ESD5V3U2U-03LRH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ESD5V3U2U Series
Uni-directional Ultra Low ESD / Transient Protection Diode
FinalData Sheet
4
Revision 1.3, 2013-08-16
1
Uni-directional Ultra Low ESD / Transient Protection Diode
1.1
Features
ESD / Transient protection of High-Speed data lines exceeding
– IEC61000-4-2 (ESD): ± 20 kV (air / contact)
– IEC61000-4-4 (EFT): ±50 A (5/50 ns)
– IEC61000-4-5 (surge): ±3 A (8/20
μs)
Maximum working voltage: VRWM 5.3 V
Extremely low capacitance: down to 0.4 pF
Very low reverse current: IR < 1 nA typical
Pb-free package (RoHS compliant) and halogen free package
1.2
Application Examples
ESD / Transient protection of High Speed Interfaces:
– HDMI, USB 2.0/USB 3.0, DisplayPort, DVI
– Mobile HDMI Link, MDDI, MIPI.
– 10/100/1000 Ethernet, Firewire, S-ATA, etc.
1.3
Product Description
Figure 1-1 Pin Configuration (a) and Schematic Diagram (b)
Table 1-1
Ordering information
Type
Package
Configuration
Marking code
ESD5V3U2U-03F
PG-TSFP-3-1
2 lines, uni-directional1)
1) Or 1 line, bi-directional between pins 1 and 2, if pin 3 is not connected
Z1
ESD5V3U2U-03LRH PG-TSLP-3-7
2 lines, uni-directional1)
Z1
PG-TSL(F)P-3-Dual_diode_A_com_PinConf_and_SchematicDiag.vst.vsd
b) Schematic diagram
a) Pin configuration
Pin 3
Pin 1
TSLP-3
Pin 2
Pin 3
Pin 1
TSFP-3
Pin 2
Pin 3
Pin 1
Pin 2


Similar Part No. - ESD5V3U2U-03LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U2U-03LRH INFINEON-ESD5V3U2U-03LRH Datasheet
558Kb / 8P
   Ultra-Low Capacitance ESD Diode Array
2008-09-04
More results

Similar Description - ESD5V3U2U-03LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U1U-02LS INFINEON-ESD5V3U1U-02LS_11 Datasheet
1Mb / 21P
   Uni-directional Ultra-Low Capacitance ESD / Transient Protection Diode
Revision 1.0, 2011-05-27
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
   Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
First Silicon Co., Ltd
FTV05CUDFN1006 FS-FTV05CUDFN1006 Datasheet
316Kb / 3P
   Uni-directional ESD Protection Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRHE6327 INFINEON-ESD0P2RF-02LRHE6327 Datasheet
1Mb / 17P
   Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Rev. 1.2, 2012-10-01
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
   Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
logo
TECH PUBLIC Electronics...
ESD5V3U04-0201 TECHPUBLIC-ESD5V3U04-0201 Datasheet
1Mb / 4P
   Uni-directional Ultra Low Capacitance ESD
logo
FutureWafer Tech Co.,Lt...
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
logo
Infineon Technologies A...
ESD208_B1 INFINEON-ESD208_B1_02 Datasheet
3Mb / 17P
   Ultra Low Clamping ESD / Transient Protection Diode
Revision 1.2, 2013-11-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com