Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48AF480T400A00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PRM48AF480T400A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48AF480T400A00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PRM48AF480T400A00 Datasheet HTML 5Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 6Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 7Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 8Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 9Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 10Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 11Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 12Page - Vicor Corporation PRM48AF480T400A00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 9 of 44
11/2015
vicorpower.com
800 927.9474
PRM48Ay480x400A00
Electrical Specifications (cont.)
Specifications apply over all line and load conditions, and trim from 20.0 V to 55.0 V, unless otherwise noted; Boldface specifications apply over the
temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain Protections
Input Undervoltage Turn-ON
VIN_UVLO+
30.9
33.0
V
Input Undervoltage Turn-OFF
VIN_UVLO-
Instantaneous powertrain shutdown, detected after tBLANK
26.0
28.8
V
Input Undervoltage Hysteresis
VUVLO_HYST
(VIN_UVLO+) - (VIN_UVLO-)
1.9
2.2
2.4
V
Input Overvoltage Turn-ON
VIN_OVLO-
79.6
82.9
V
Input Overvoltage Turn-OFF
VIN_OVLO+
Instantaneous powertrain shutdown, detected after tBLANK
84.6
88.8
V
Input Overvoltage Hysteresis
VOVLO_HYST
(VIN_OVLO+) - (VIN_OVLO-)
1.6
2.0
2.4
V
Output Overvoltage Threshold
VOUT_OVP+
Instantaneous shutdown, detected after tPROT
56.0
58.3
60.1
V
Minimum Current Limited Vout
VOUT_UVP
12
V
Overtemperature Shutdown Setpoint
TINT_OTP
Instantaneous shutdown, detected after tPROT
125
ºC
Output Power Limit
PPROT
400
W
Short Circuit VOUT Threshold
VSC_VOUT
8.8
V
Short Circuit VOUT Recovery Threshold
VSC_VOUTR
9.5
V
Short Circuit CONTROL NODE Threshold
VSC_VCN
7.2
V
Short Circuit CONTROL NODE
VSC_VCNR
6.9
V
Recovery Threshold
Short Circuit Timeout
tSC
Short circuit fault detected after VSC_VOUT
and VSC_VCN thresholds persist for this time
5
ms
Short Circuit Recovery Time
tSCR
Excludes tOFF
75
ms
Overcurrent (IFB) and
tBLANK
50
120
150
µs
Input Over/Undervoltage Blanking Time
Overtemperature, Output Overvoltage
and ENABLE Shutdown Response Time
tPROT
2
µs
(Hardware)
Powertrain Supervisory Limits
Input Undervoltage Turn-ON
VIN_UVLO+_SUPV
33.8
34.9
V
(Supervisory)
Input Undervoltage Turn-OFF
VIN_UVLO-_SUPV
Powertrain shutdown, detected after tLIM_SUPV
30.5
31.8
V
(Supervisory)
Input Undervoltage Hysteresis
VUVLO_HYST_SUPV (VIN_UVLO+_SUPV) - (VIN_UVLO-_SUPV)
1.6
2.0
2.1
V
(Supervisory)
Input Overvoltage Turn-ON
VIN_OVLO-_SUPV
75.6
78.8
V
(Supervisory)
Input Overvoltage Turn-OFF
VIN_OVLO+_SUPV
Powertrain shutdown, detected after tLIM_SUPV
80.3
82.7
V
(Supervisory)
Input Overvoltage Hysteresis
VOVLO_HYST_SUPV (VIN_UVLO+_SUPV) - (VIN_UVLO-_SUPV)
1.2
1.5
1.8
V
(Supervisory)
Undertemperature Shutdown Setpoint
TINT_UTP
T Grade
-40
ºC
(Supervisory)
M Grade
-55
ºC
Supervisory Limit Response Time
tLIM_SUPV
150
µs


Similar Part No. - PRM48AF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48AF480T400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com