Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43547A2567M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43547A2567M0
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43547A2567M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43547A2567M0 Datasheet HTML 5Page - TDK Electronics B43547A2567M0 Datasheet HTML 6Page - TDK Electronics B43547A2567M0 Datasheet HTML 7Page - TDK Electronics B43547A2567M0 Datasheet HTML 8Page - TDK Electronics B43547A2567M0 Datasheet HTML 9Page - TDK Electronics B43547A2567M0 Datasheet HTML 10Page - TDK Electronics B43547A2567M0 Datasheet HTML 11Page - TDK Electronics B43547A2567M0 Datasheet HTML 12Page - TDK Electronics B43547A2567M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
330
25
× 25
210
80
280
3.32
2.45
1.32
B43547A2337M0*#
390
25
× 30
170
60
230
3.79
2.80
1.51
B43547A2397M0*#
470
25
× 30
150
55
200
4.16
3.08
1.65
B43547A2477M0*#
470
30
× 25
140
45
190
4.65
3.43
1.85
B43547B2477M0*#
560
25
× 35
120
45
170
4.75
3.52
1.89
B43547A2567M0*#
560
30
× 30
120
40
160
5.26
3.89
2.10
B43547B2567M0*#
680
25
× 40
100
40
140
5.45
4.03
2.17
B43547A2687M0*#
680
30
× 30
100
34
130
5.86
4.33
2.33
B43547B2687M0*#
680
35
× 25
100
40
140
5.90
4.36
2.34
B43547C2687M0*#
820
25
× 45
85
34
120
6.22
4.60
2.47
B43547A2827M0*#
820
30
× 35
80
28
110
6.69
4.94
2.66
B43547B2827M0*#
820
35
× 30
85
30
110
6.80
5.03
2.88
B43547C2827M0*#
1000
25
× 50
70
28
95
7.13
5.28
2.84
B43547A2108M0*#
1000
30
× 40
65
24
90
7.69
5.69
3.26
B43547B2108M0*#
1000
35
× 30
70
28
95
7.43
5.49
3.14
B43547C2108M0*#
1200
30
× 45
55
20
75
8.73
6.46
3.70
B43547A2128M0*#
1200
35
× 35
60
22
80
8.47
6.26
3.58
B43547B2128M0*#
1500
30
× 50
45
16
60
10.1
7.53
4.31
B43547A2158M0*#
1500
35
× 40
45
19
65
9.77
7.23
4.13
B43547B2158M0*#
1800
35
× 45
40
16
55
11.0
8.17
4.67
B43547A2188M0*#
2200
35
× 55
32
13
45
12.9
9.54
5.46
B43547A2228M0*#
B43547
Outstanding ripple current, compact
105
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43547A2567M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43547 EPCOS-B43547 Datasheet
675Kb / 20P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43547 TDK-B43547 Datasheet
618Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43547A2567M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com