Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBLF3060CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SBLF3060CL
Description  Switchmode Full Plastic Dual Schottky Low VF Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SBLF3060CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  SBLF3060CL Datasheet HTML 1Page - Mospec Semiconductor SBLF3060CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SBLF3060CL
Switchmode Full Plastic
Dual Schottky Low VF Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The properitary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC convertes,free-
wheeling and polarity protection diodes.
Features
Super Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES
60 VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
SBLF3060CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectifier Forward Current
( per diode)
Total Device (Rated VR), TC=100℃
IF(AV)
15
30
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
30
A
Non-Repetitive Peak Surge Current (Surge applied
at rate load conditions halfware, single phase, 60Hz)
IFSM
300
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.55
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25
R
3.60
3.80
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
3.6
/w
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
SBLF3060CL
Unit
Maximum Instantaneous Forward Voltage ( per diode )
Min
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.26
0.28
( IF =7.5 Amp TC = 25℃)
---
0.47
0.52
( IF =15 Amp TC = 25℃)
VF
---
0.58
0.60
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
---
0.10
0.25
( Rated DC Voltage, TC = 100℃)
IR
---
12
30
mA


Similar Part No. - SBLF3060CL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SBLF3060C BWTECH-SBLF3060C Datasheet
172Kb / 3P
   Low VF Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SBLF3060CT LUGUANG-SBLF3060CT Datasheet
205Kb / 2P
   Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SBLF3060CT SUNMATE-SBLF3060CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBLF3060CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SBLF2045CL MOSPEC-SBLF2045CL Datasheet
159Kb / 2P
   Switchmode Full Plastic Dual Schottky Low VF Barrier Power Rectifiers
SBLF3045CL MOSPEC-SBLF3045CL Datasheet
152Kb / 2P
   Switchmode Full Plastic Dual Schottky Low VF Barrier Power Rectifiers
SBLF2060CL MOSPEC-SBLF2060CL Datasheet
162Kb / 2P
   Switchmode Full Plastic Dual Schottky Low VF Barrier Power Rectifiers
SBLF2060CL MOSPEC-SBLF2060CL_16 Datasheet
162Kb / 2P
   Switchmode Full Plastic Dual Schottky Low VF Barrier Power Rectifiers
SRAF0570 MOSPEC-SRAF0570 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1070 MOSPEC-SRF1070 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1630CE MOSPEC-SRF1630CE Datasheet
194Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1670CE MOSPEC-SRF1670CE Datasheet
182Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF2030CE MOSPEC-SRF2030CE Datasheet
186Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF3070 MOSPEC-SRF3070 Datasheet
178Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com