Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43547B2108M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43547B2108M0
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43547B2108M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43547B2108M0 Datasheet HTML 7Page - TDK Electronics B43547B2108M0 Datasheet HTML 8Page - TDK Electronics B43547B2108M0 Datasheet HTML 9Page - TDK Electronics B43547B2108M0 Datasheet HTML 10Page - TDK Electronics B43547B2108M0 Datasheet HTML 11Page - TDK Electronics B43547B2108M0 Datasheet HTML 12Page - TDK Electronics B43547B2108M0 Datasheet HTML 13Page - TDK Electronics B43547B2108M0 Datasheet HTML 14Page - TDK Electronics B43547B2108M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
100
25
× 25
520
170
700
2.06
1.52
0.82
B43547A9107M0*#
120
25
× 30
430
140
580
2.34
1.73
0.93
B43547A9127M0*#
150
25
× 35
340
110
460
2.73
2.02
1.09
B43547A9157M0*#
150
30
× 25
340
110
460
2.88
2.13
1.14
B43547B9157M0*#
180
25
× 35
290
100
390
3.06
2.26
1.22
B43547A9187M0*#
180
30
× 30
280
90
380
3.26
2.41
1.30
B43547B9187M0*#
220
25
× 45
240
75
320
3.58
2.66
1.43
B43547A9227M0*#
220
30
× 35
230
75
310
3.73
2.76
1.49
B43547B9227M0*#
220
35
× 25
240
80
320
3.81
2.82
1.51
B43547C9227M0*#
270
25
× 50
190
65
260
4.15
3.07
1.65
B43547A9277M0*#
270
30
× 35
190
60
260
4.25
3.14
1.69
B43547B9277M0*#
270
35
× 30
190
65
260
4.40
3.25
1.86
B43547C9277M0*#
330
25
× 55
160
55
220
4.82
3.57
1.92
B43547A9337M0*#
330
30
× 40
160
50
210
4.91
3.63
2.08
B43547B9337M0*#
330
35
× 35
160
50
210
5.02
3.72
2.13
B43547C9337M0*#
390
30
× 50
130
40
180
5.57
4.13
2.36
B43547A9397M0*#
390
35
× 40
130
45
180
5.62
4.16
2.38
B43547B9397M0*#
470
30
× 55
110
36
150
6.38
4.72
2.71
B43547A9477M0*#
470
35
× 45
110
36
150
6.37
4.72
2.70
B43547B9477M0*#
560
35
× 50
95
32
130
7.19
5.33
3.05
B43547A9567M0*#
680
35
× 55
75
26
110
8.23
6.09
3.49
B43547A9687M0*#
B43547
Outstanding ripple current, compact
105
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43547B2108M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43547 EPCOS-B43547 Datasheet
675Kb / 20P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43547 TDK-B43547 Datasheet
618Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43547B2108M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com