Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE51A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1.5KE51A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE51A Datasheet(HTML) 1 Page - Vishay Siliconix

  1.5KE51A Datasheet HTML 1Page - Vishay Siliconix 1.5KE51A Datasheet HTML 2Page - Vishay Siliconix 1.5KE51A Datasheet HTML 3Page - Vishay Siliconix 1.5KE51A Datasheet HTML 4Page - Vishay Siliconix 1.5KE51A Datasheet HTML 5Page - Vishay Siliconix 1.5KE51A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Extended
Voltage
Range
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Devices for Bidirectional Applications
For bi-directional, use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440
(e.g. 1.5KE6.8C, 1.5KE440CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Peak power dissipation with a 10/1000µs waveform
(1) (Fig. 1)
PPPM
1500
W
Peak pulse current wih a 10/1000µs waveform
(1)
IPPM
See Next Table
A
Steady state power dissipation
PM(AV)
6.5
W
at TL = 75OC, lead lengths 0.375” (9.5mm)(2)
Peak forward surge current, 8.3ms
IFSM
200
A
single half sine-wave unidirectional only(3)
Maximum instantaneous forward voltage
VF
3.5/5.0
V
at 100A for unidirectional only(4)
Typical thermal resistance junction-to-lead
RθJL
20
°C/W
Typical thermal resistance junction-to-ambient
RθJA
75
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +175
O
C
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
(3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
(4) VF = 3.5V for 1.5KE220(A) & below; VF = 5.0V for 1.5KE250(A) & above
Dimensions in inches
and (millimeters)
Case Style 1.5KE
V(BR) Unidirectional 6.8 to 540V
V(BR) Bidirectional 6.8 to 440V
Peak Pulse Power 1500W
Features
• Underwriters Laboratory Recognition under UL standard
for safety 497B: Isolated Loop Circuit Protection
• Glass passivated junction
• 1500W peak pulse power capabililty on 10/1000µs
waveform, repetition rate (duty cycle): 0.05%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Includes 1N6267 thru 1N6303A
Mechanical Data
Case: Molded plastic body over passivated junction
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed: 265°C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
Polarity: For unidirectional types the color band denotes
the cathode, which is positive with respect to the anode
under normal TVS operation
Mounting Position: Any
Weight: 0.045 oz., 1.2 g
Flammability: Epoxy is rated UL 94V-0
Packaging Codes – Options (Antistatic):
51 – 1K per Bulk box, 10K/carton
54 – 1.4K per 13" paper Reel
(52mm horiz. tape), 4.2K/carton
73 – 1K per horiz. tape & Ammo box, 10K/carton
TRANSZORB
® Transient Voltage Suppressors
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88301
www.vishay.com
30-Oct-02
1


Similar Part No. - 1.5KE51A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE51A TRSYS-1.5KE51A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE51A LUGUANG-1.5KE51A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE51A UNIOHM-1.5KE51A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Yint Electroni...
1.5KE51A YINT-1.5KE51A Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
Microsemi Corporation
1.5KE51A MICROSEMI-1.5KE51A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE51A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com