Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD0P8RFL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ESD0P8RFL
Description  RF ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD0P8RFL Datasheet(HTML) 1 Page - Infineon Technologies AG

  ESD0P8RFL_11 Datasheet HTML 1Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 2Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 3Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 4Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 5Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 6Page - Infineon Technologies AG ESD0P8RFL_11 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-06-27
1
ESD0P8RFL
RF ESD Protection Diodes
• ESD protection of RF antenna /
interfaces or ultra high speed data lines acc. to:
IEC61000-4-2 (ESD):
± 20 kV (air / contact)
IEC61000-4-4 (EFT): 40 A (5/50 ns)
IEC61000-4-5 (surge): 10 A (8/20 µs)
• Very low line capacitance: 0.8 pF @ 1 GHz
( 0.4 pF per diode)
• Ultra low series inductance: 0.4 nH per diode
• Very low clamping voltage
• Ultra small leadless package 1.2 x 0.8 x 0.39 mm
• Pb-free (RoHS compliant) package
Applications in anti-parallel configuration
• For low RF signal levels without superimposed
DC voltage: e.g. GPS, XM-Radio, Sirius, DVB,
DMB, DAB, Remote Keyless Entry
Applications in rail-to-rail configuration
• For high RF signal levels or low RF signal levels
with superimposed DC voltage: e.g. HDMI, S-ATA,
Gbit Ethernet
• For more technical details on ESD and Antenna
protection please refer to Application Note
No.103 on www.infineon.com/tvsdiodes
ESD0P8RFL
2
1
4
D2
D1
3
Type
Package
Configuration
Marking
ESD0P8RFL
TSLP-4-7
anti-parallel
E8


Similar Part No. - ESD0P8RFL_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P8RFL INFINEON-ESD0P8RFL Datasheet
551Kb / 7P
   RF ESD Protection Diodes
2009-02-19
More results

Similar Description - ESD0P8RFL_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P8RFL INFINEON-ESD0P8RFL Datasheet
551Kb / 7P
   RF ESD Protection Diodes
2009-02-19
ESD1P0RF INFINEON-ESD1P0RF Datasheet
746Kb / 9P
   RF ESD Protection Diodes
ESD0P4RFL INFINEON-ESD0P4RFL Datasheet
536Kb / 7P
   RF ESD Protection Diodes
2009-02-18
ESD0P4RFL INFINEON-ESD0P4RFL_11 Datasheet
540Kb / 7P
   RF ESD Protection Diodes
2011-06-27
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
   Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com