Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110B24C200BL Datasheet(PDF) 4 Page - Vicor Corporation

Part # V110B24C200BL
Description  DC-DC Converter Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110B24C200BL Datasheet(HTML) 4 Page - Vicor Corporation

  V110B24C200BL_16 Datasheet HTML 1Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 2Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 3Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 4Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 5Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 6Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 7Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 8Page - Vicor Corporation V110B24C200BL_16 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
110V Mini Family
Rev 3.4
vicorpower.com
Page 4 of 14
10/2016
800 927.9474
110V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S110B3V3C100BL (enhanced efficiency)
83.1
86.5
%
Nominal input; full load; 25°C
V110B3V3C100BL (standard efficiency)
81.5
82.6
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
2.6
3.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30.3
Amps
Current limit
30.9
34.8
41
Amps
Output voltage 95% of nominal
Short circuit current
21.2
34.8
41
Amps
Output voltage <250mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
3.3VOUT, 100W (e.g. S110B3V3C100BL, V110B3V3C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S110B3V3C75BL (enhanced efficiency)
82.2
86.0
%
Nominal input; full load; 25°C
V110B3V3C75BL (standard efficiency)
81.0
81.9
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
2.6
3.6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
22.73
Amps
Current limit
23.1
26.1
30.7
Amps
Output voltage 95% of nominal
Short circuit current
15.8
26.1
30.7
Amps
Output voltage <250mV
3.3VOUT, 75W (e.g. S110B3V3C75BL, V110B3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S110B5C150BL (enhanced efficiency)
85.4
88.5
%
Nominal input; full load; 25°C
V110B5C150BL (standard efficiency)
83.9
84.8
Ripple and noise
85
107
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.3
7.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30
Amps
Current limit
30.6
34.5
40.5
Amps
Output voltage 95% of nominal
Short circuit current
21
34.5
40.5
Amps
Output voltage <250mV
5VOUT, 150W (e.g. S110B5C150BL, V110B5C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S110B5C100BL (enhanced efficiency)
83.0
86.0
%
Nominal input; full load; 25°C
V110B5C100BL (standard efficiency)
80.5
81.9
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
3.4
4.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
27
Amps
Output voltage 95% of nominal
Short circuit current
14
23
27
Amps
Output voltage <250mV
5VOUT, 100W (e.g. S110B5C100BL, V110B5C100BL)


Similar Part No. - V110B24C200BL_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
More results

Similar Description - V110B24C200BL_16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com