Electronic Components Datasheet Search |
|
V300A12T500BL2 Datasheet(PDF) 10 Page - Vicor Corporation |
|
V300A12T500BL2 Datasheet(HTML) 10 Page - Vicor Corporation |
10 / 14 page 300 V Maxi Family Rev 9.8 vicorpower.com Page 10 of 14 02/2016 800 927.9474 300 V Input Module Enable/Disable The module may be disabled by pulling PC below 2.3 V with respect to the –Input. This may be done with an open collector transistor, relay, or optocoupler. Multiple converters may be disabled with a single transistor or relay either directly or via “OR’ing” diodes. See Figure 2. Primary Auxiliary Supply At 5.7 V, PC can source up to 1.5 mA. In the example shown in Figure 4, PC powers a module enabled LED. Module Alarm The module contains “watchdog” circuitry which monitors input voltage, operating temperature and internal operating parameters. In the event that any of these parameters are outside of their allowable operating range, the module will shut down and PC will go low. PC will periodically go high and the module will check to see if the fault (as an example, overtemperature) has cleared. If the fault has not been cleared, PC will go low again and the cycle will restart. The SC pin will go low in the event of a fault and return to its normal state after the fault has been cleared. See Figures 3 and 5. +IN PC PR –IN Disable Disable = PC <2.3 V Figure 2 — Module enable/disable. Figure 4 — LED on-state indicator. +IN PC PR –IN 4 kΩ "Module Enabled" +IN PC PR –IN Optocoupler 4 kΩ Alarm 1.00V +OUT +S SC –S –OUT Comparator +OUT +S SC –S – OUT +IN PC PR –IN Input Undervoltage 2-20 ms typ. f (VIN) Auto Restart 5.7 Vdc (0-3 mA) 50 Ω SW2 SW3 1.23 Vdc 6 K 1 K SW1 SW1, 2, & 3 shown in "Fault" position Input Overvoltage (See Note 1) Overtemperature Module Faults 1 Not applicable for 300 Vdc input family 1 M Figure 3 — PC/SC module alarm logic. Figure 6 — Isolated on-state indicator. 2–20 ms typ. Fault SC PC 1.23 V 5.7 V 40 μs typ. Figure 5 — PC/SC module alarm timing. Figure 7 — Secondary side on-state indicator. PRIMARY CONTROL - PC PIN |
Similar Part No. - V300A12T500BL2 |
|
Similar Description - V300A12T500BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |