Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX66 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BDX66
Description  PNP SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDX66 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BDX66 Datasheet HTML 1Page - List of Unclassifed Manufacturers BDX66 Datasheet HTML 2Page - List of Unclassifed Manufacturers BDX66 Datasheet HTML 3Page - List of Unclassifed Manufacturers BDX66 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMSET SEMICONDUCTORS
3/4
BDX 66, A, B, C
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX66
BDX66A
BDX66B
BDX66C
--
-5.0
mA
TCASE=25°C, VCB=-40 V
--
-1
TCASE=150°C
BDX66
--
-5
TCASE=25°C, VCB=-50 V
--
-1
TCASE=150°C
BDX66A
--
-5
TCASE=25°C, VCB=-60 V
--
-1
TCASE=150°C
BDX66B
--
-5
TCASE=25°C, VCB=-70 V
--
-1
ICBO
Collector-Base Cutoff
Current
TCASE=150°C
BDX66C
-
-
-5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-10 A, IB=-40 mA
BDX66
BDX66A
BDX66B
BDX66C
--
-2
V
C22b
IE=0 A, VCB=-10V, f=1 MHz
BDX66
BDX66A
BDX66B
BDX66C
-
300
-
pF
ton
-
1-
toff
Switching characteristics
VCC=12V, IC=-10 A, IB1=-
IB2=0.04
BDX66
BDX66A
BDX66B
BDX66C
-
3.5
-
µs


Similar Part No. - BDX66

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX66 SEME-LAB-BDX66 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Savantic, Inc.
BDX66 SAVANTIC-BDX66 Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX66 ISC-BDX66 Datasheet
129Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BDX66 SAVANTIC-BDX66 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BDX66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX64 ETC-BDX64 Datasheet
169Kb / 5P
   PNP SILICON DARLINGTONS
logo
Comset Semiconductor
BDX66 COMSET-BDX66 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
BDX62 COMSET-BDX62 Datasheet
164Kb / 5P
   PNP SILICON DARLINGTONS
BDX64 COMSET-BDX64 Datasheet
152Kb / 4P
   PNP SILICON DARLINGTONS
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com