Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE91A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1.5KE91A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE91A Datasheet(HTML) 5 Page - Vishay Siliconix

  1.5KE91A Datasheet HTML 1Page - Vishay Siliconix 1.5KE91A Datasheet HTML 2Page - Vishay Siliconix 1.5KE91A Datasheet HTML 3Page - Vishay Siliconix 1.5KE91A Datasheet HTML 4Page - Vishay Siliconix 1.5KE91A Datasheet HTML 5Page - Vishay Siliconix 1.5KE91A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0.5
1
2.0
10
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
Fig. 7 – Incremental Clamping Voltage
Curve (Unidirectional)
IPP, Peak Pulse Current (A)
Fig. 7 – Incremental Clamping Voltage
Curve (Bidirectional)
IPP, Peak Pulse Current (A)
Fig. 8 – Incremental Clamping Voltage
Curve (Unidirectional)
IPP, Peak Pulse Current (A)
Fig. 10 – Incremental Clamping Voltage
Curve (Bidirectional)
IPP, Peak Pulse Current (A)
Waveform:
8/20µs Impulse
∆VC = VC - V(BR)
Waveform:
10/1000µs Impulse
∆VC = VC - V(BR)
1.5KE200
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
1.5KE6.8
1.5KE9.1
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
Waveform:
10/1000µs Impulse
∆VC = VC - V(BR)
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
1.5KE11C
1.5KE7.5C
1.5KE30C
Waveform:
8/20µs Impulse
∆VC = VC - V(BR)
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
11C
1.5KE7.5C
1.5KE30C
1.5KE6.8
1.5KE9.1
1.5KE18
1.5KE12
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88301
www.vishay.com
30-Oct-02
5


Similar Part No. - 1.5KE91A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE91A TRSYS-1.5KE91A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE91A LUGUANG-1.5KE91A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE91A UNIOHM-1.5KE91A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
1.5KE91A DAESAN-1.5KE91A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1.5KE91A MICROSEMI-1.5KE91A Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1.5KE91A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com