Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1.5KE100
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE100 Datasheet(HTML) 3 Page - Vishay Siliconix

  1.5KE100 Datasheet HTML 1Page - Vishay Siliconix 1.5KE100 Datasheet HTML 2Page - Vishay Siliconix 1.5KE100 Datasheet HTML 3Page - Vishay Siliconix 1.5KE100 Datasheet HTML 4Page - Vishay Siliconix 1.5KE100 Datasheet HTML 5Page - Vishay Siliconix 1.5KE100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Cont’d) (TA = 25°C unless otherwise noted)
Breakdown Voltage
Maximum
Maximum
Maximum
Maximum
General
V(BR) at IT
(1)
Test
Stand-off
Reverse
Peak Pulse
Clamping
Temp.
JEDEC
Semiconductor
(V)
Current
Voltage
Leakage
Current
Voltage
Coefficient
Type
Part
IT
VWM
at VWM
IPPM
(2)
at IPPM
of V(BR)
Number
Number
Min
Max
(mA)
(V)
ID
(4) (µA)
(A)
VC (V)
(% / °C)
1N6292A
+1.5KE75A
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105
1N6293
+1.5KE82
73.8
90.2
1.0
66.4
1.0
12.7
118
0.105
1N6293A
+1.5KE82A
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1N6294
+1.5KE91
81.9
100.0
1.0
73.7
1.0
11.5
131
0.106
1N6294A
+1.5KE91A
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1N6295
+1.5KE100
90.0
110
1.0
81.0
1.0
10.4
144
0.106
1N6295A
+1.5KE100A
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1N6296
+1.5KE110
99.0
121
1.0
89.2
1.0
9.5
158
0.107
1N6296A
+1.5KE 110A
105
116
1.0
94.0
1.0
9.9
152
0.107
1N6297
+1.5KE120
108
132
1.0
97.2
1.0
8.7
173
0.107
1N6297A
+1.5KE120A
114
126
1.0
102
1.0
9.1
165
0.107
1N6298
+1.5KE130
117
143
1.0
105
1.0
8.0
187
0.107
1N6298A
+1.5KE130A
124
137
1.0
111
1.0
8.4
179
0.107
1N6299
+1.5KE150
136
165
1.0
121
1.0
7.0
215
0.108
1N6299A
+1.5KE150A
143
158
1.0
128
1.0
7.2
207
0.106
1N6300
+1.5KE160
144
176
1.0
130
1.0
6.5
230
0.106
1N6300A
+1.5KE160A
152
168
1.0
136
1.0
6.8
219
0.108
1N6301
+1.5KE170
153
187
1.0
138
1.0
6.1
244
0.108
1N6301A
+1.5KE170A
162
179
1.0
145
1.0
6.4
234
0.108
1N6302
1.5KE180
162
198
1.0
146
1.0
5.8
258
0.108
1N6302A
1.5KE180A
171
189
1.0
154
1.0
6.1
246
0.108
1N6303
1.5KE200
180
220
1.0
162
1.0
5.2
287
0.108
1N6303A
1.5KE200A*
190
210
1.0
171
1.0
5.5
274
0.108
1.5KE220
198
242
1.0
175
1.0
4.4
344
0.108
1.5KE220A*
209
231
1.0
185
1.0
4.6
328
0.108
1.5KE250
225
275
1.0
202
1.0
4.2
360
0.110
1.5KE250A
237
263
1.0
214
1.0
4.4
344
0.110
1.5KE300
270
330
1.0
243
1.0
3.5
430
0.110
1.5KE300A
285
315
1.0
256
1.0
3.6
414
0.110
1.5KE350
315
385
1.0
284
1.0
3.0
504
0.110
1.5KE350A
333
368
1.0
300
1.0
3.1
482
0.110
1.5KE400
360
440
1.0
324
1.0
2.6
574
0.110
1.5KE400A
380
420
1.0
342
1.0
2.7
548
0.110
1.5KE440
396
484
1.0
356
1.0
2.4
631
0.110
1.5KE440A
418
462
1.0
376
1.0
2.5
602
0.110
1.5KE480
432
528
1.0
389
1.0
2.19
686
0.110
1.5KE480A
456
504
1.0
408
1.0
2.28
658
0.110
1.5KE510
459
561
1.0
413
1.0
2.06
729
0.110
1.5KE510A
485
535
1.0
434
1.0
2.15
698
0.110
1.5KE540
486
594
1.0
437
1.0
1.94
772
0.110
1.5KE540A
513
567
1.0
459
1.0
2.03
740
0.110
Notes: (1) Pulse test: tp ≤ 50ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bidirectional types with VR 10 volts and less the ID limit is doubled
* Bidirectional versions are UL approved under component across the line protection, ULV1414 file number E108274 (1.5KE200CA, 1.5KE220CA)
+ Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number E136766
for both uni-directional and bi-directional devices
Application
• This series of Silicon Transient Suppressors is used in applications where large voltage transients can permanently damage voltage-sensitive components.
• The TVS diode can be used in applications where induced lightning on rural or remote transmission lines presents a hazard to electronic circuitry
(ref: R.E.A. specification P.E. 60).
• This Transient Voltage Suppressor diode has a pulse power rating of 1500 watts for one millisecond. The response time of TVS diode clamping action is
effectively instantaneous (1 x 10-9 seconds bidirectional); therefore, they can protect integrated circuits, MOS devices, hybrids, and other voltage sensitive
semiconductors and components. TVS diodes can also be used in series or parallel to increase the peak power ratings.
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88301
www.vishay.com
30-Oct-02
3


Similar Part No. - 1.5KE100

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE100 TRSYS-1.5KE100 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE100 DAESAN-1.5KE100 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE100 DIOTEC-1.5KE100 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE100 TSC-1.5KE100 Datasheet
113Kb / 3P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE100 LUGUANG-1.5KE100 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com