Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD49X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MTD49X
Description  Coaxial Transceiver Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD49X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTD49X Datasheet HTML 1Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD49X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MYSON
TECHNOLOGY
MTD392
FAMILY
MTD392 Revision 2.01 02/25/1997
5/10
RXI
I
14
22
22
Network Receiving Input. Should be connected to the
COAX center conductor. Signals meeting receiver squelch
limits are recovered and output on RX
±/RXI also detects the
collision voltage level.
CDS
I
16
24
24
Collision Detecting Sense. Connects directly to the COAX
shield, providing a reference for the collision detection voltage
level for receiving-mode detection. An external bias network
can be used to shift the detection threshold for transmission-
detection mode. For hybrid mode collision detection, a 400
W
resistor should be connected from CDS to GND.
RX+,RX-
O
3
6
3
6
3
6
Receiving Data Output. A balanced differential output drives
data recovered from the network to the MCC. These outputs
are also open sources, and pull-down resistors from 510
W to
VEE are required. To minimize power dissipation, both open
source outputs are disabled during idle conditions, allowing
the common mode on the pull-down resistor to be pulled to
VEE.
CD+,CD-
O
1
2
1
2
1
2
Collision Output. A balanced differential line driver drives
this output pair from the collision detection circuitry. A 10MHz
signal from the internal oscillator is transferred to these
outputs in the event of collision or excessive transmission
(jabber), or during heartbeat condition. These outputs are
open sources, and pull-down resistors from 510
W to VEE are
required. To minimize power dissipation, both open source
outputs are disabled during idle condition, allowing the
common mode on the pull-down resistors to be pulled to VEE.
TXO
O
15
23
23
Transmitter Output. Should be connected to the coaxial
cable via one serial isolation diode for Cheapernet/Thinnet (10
Base2) or 2 serial isolation diodes for Thicknet (10 Base5).
GND
10
4
16
17
4
16
17
Positive Supply Pin (Ground). Should be connected to the
COAX shield.
VEE
4
5
13
5
20
21
5
20
21
Negative Power Supply. -9 volts. A 0.1
mF decoupling
capacitor must be connected across GND and VEE as close
to the device as possible.
COL,
JAB,
XMT,
RCV,
O
7
8
11
12
Transceiver Status Indicators. LED displays for collision,
jabber, transmission and reception. These pins are open-
drain output buffers that are used to drive LED status
indicators. They are designed to supply 8 mA sinking
capability.
TST-
I
14
Test Enabler. When both TST- and MOD- pins are shorted to
VEE, MTDX94 enters into test mode. In this mode, the jabber
function is disabled and all state timing is accelerated by 1024
times. This pin has a 50k
W internal pull-up resistor.
MOD-
I
15
Mode Selection. Along with the TST- pin, determines the
collision detection method of MTDX94. If both MOD- and
TST- are connected to GND, MTDX94 implements receiving-
mode collision detection. The typical detection threshold in
receiving-mode is -1.53V. To implement transmission-mode
collision detection, the detection threshold can be lowered by
placing a resistor bias network on the CDS pin. When the
TST- pin is connected to GND and the MOD- pin is connected
to VEE, MTDX94 uses hybrid-mode for collision detection. In
this mode, the threshold is set at -0.42V during idle or


Similar Part No. - MTD49X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
More results

Similar Description - MTD49X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
   Transceiver Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com