Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB455C4 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # CDB455C4
Description  This specification is applicable to ceramic discriminator CDB455C4 use for SANYO IC LA8610.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

CDB455C4 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  CDB455C4 Datasheet HTML 1Page - Shoulder Electronics Limited. CDB455C4 Datasheet HTML 2Page - Shoulder Electronics Limited. CDB455C4 Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
levels(-20,+25,+80℃) for a period of each 30 minute and repeated 3 cycles. After the test
the discriminators may be left for more than 24 hours at the room temperature. The
discriminators shall meet the 2-1~2-4 electrical characteristics outlined on this specification
and the appearance of discriminators is to be normal.
4. Appearance
4-1) Appearance and dimension may conform to Fig.1
4-2) Identification
The following shall be permanently and legibly marked.
5. Dimensions
(unit mm)
Fig 1.
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 3


Similar Part No. - CDB455C4

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
CDB455C4 FRONTER-CDB455C4 Datasheet
120Kb / 1P
   DISCRIMINATOR FOR COMMUNICATION
logo
Murata Manufacturing Co...
CDB455C42 MURATA1-CDB455C42 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
More results

Similar Description - CDB455C4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
CDB455C3 SHOULDER-CDB455C3 Datasheet
78Kb / 3P
   This specification is applicable to ceramic discriminator CDB455C3 use for communication equipment.
logo
List of Unclassifed Man...
MLVS-0402 ETC1-MLVS-0402 Datasheet
160Kb / 1P
   This specification is applicable to Chip Metal Oxide Varistor in multilayer technology.
MLVS-0603 ETC1-MLVS-0603 Datasheet
161Kb / 1P
   This specification is applicable to Chip Metal Oxide Varistor in multilayer technology
logo
Murata Manufacturing Co...
CDSCB10M7GA085-R0 MURATA-CDSCB10M7GA085-R0 Datasheet
462Kb / 17P
   Specification of Piezoelectric Ceramic Discriminator
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
logo
Murata Manufacturing Co...
VFR3VD31E131T51B MURATA-VFR3VD31E131T51B Datasheet
164Kb / 7P
   This reference specification applies to EMIGUARD 짰 applicable to automatic insertion,which is used electronic equipment
logo
Oscilent Corporation
637-456K-F11 OSCILENT-637-456K-F11 Datasheet
135Kb / 2P
   IC Applicable
637 OSCILENT-637 Datasheet
135Kb / 2P
   IC Applicable
logo
Rohm
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
logo
Isahaya Electronics Cor...
RT8H042C ISAHAYA-RT8H042C Datasheet
194Kb / 4P
   This is tentative specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com