Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1711FG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD1711FG-G
Description  High Speed, Integrated Ultrasound Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1711FG-G Datasheet(HTML) 1 Page - Supertex, Inc

  MD1711FG-G Datasheet HTML 1Page - Supertex, Inc MD1711FG-G Datasheet HTML 2Page - Supertex, Inc MD1711FG-G Datasheet HTML 3Page - Supertex, Inc MD1711FG-G Datasheet HTML 4Page - Supertex, Inc MD1711FG-G Datasheet HTML 5Page - Supertex, Inc MD1711FG-G Datasheet HTML 6Page - Supertex, Inc MD1711FG-G Datasheet HTML 7Page - Supertex, Inc MD1711FG-G Datasheet HTML 8Page - Supertex, Inc MD1711FG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-MD1711
E031714
MD1711
Features
Drives two ultrasound transducer channels
Generates 5-level waveform
Drives 12 high voltage MOSFETs
±2.0A source and sink peak current
Up to 20MHz output frequency
12V/ns slew rate
±3ns matched delay times
Second harmonic is less than -40dB
Two separate gate drive voltages
1.8 to 3.3V CMOS logic interface
Applications
Medical ultrasound imaging
Piezoelectric transducer drivers
Non-Destructive Testing (NDT)
Metal flaw detection
Sonar transmitter
General Description
The Supertex MD1711 is an IC for a two-channel, 5-level,
high voltage and high speed transmitter driver. It is designed
for medical ultrasound imaging applications, but can also be
used for metal flaw detection, Non-Destructive Testing (NDT),
and for driving piezoelectric transducers.
The MD1711 is a two-channel logic controller circuit with
low impedance MOSFET gate drivers. There are two sets of
control logic inputs, one for channel A and one for channel B.
Each channel consists of three pairs of MOSFET gate drivers.
These drivers are designed to match the drive requirements of
the Supertex TC6320. The MD1711 drives six TC6320s. Each
pair consists of an N-channel and a P-channel MOSFET. They
are designed to have the same impedance and can provide
peak currents of over 2.0amps.
Typical Application Circuit
High Speed, Integrated Ultrasound Driver IC
VNN1
TC6320
+100V
-100V
+50V
-50V
0V
0V
30
32
34
44
39
41
37
DV
DD2
VSS
DVSS
-10V
DVDD1
DVDD2
16
19
21
+10V
VLL
+3.3V
AVSS
48
14
15
AVSS
SEL
POSA / POS1A
EN
DGND
AGND
0
MD1711
(1/2 of I/O)
SUB
7
18
AVSS
33
36
28
25
31
DGND
35
40
42
43
DVSS
45
FB
AVDD1
6
0
46
47
13
1
2
3
4
5
OUTPA1
OUTNA1
OUTPA2
OUTNA2
OUTPA3
OUTNA3
DGND
DGND
+5.0V
DVDD1
+10V
DVDD2
+5.0V
+10V
+10V
26
DGND
+10V
-10V
-10V
DVDD2
DVDD1
DVDD1
Transducer
0.22µF
Control Logic
& Level
Translator
NEGA / NEG1A
HVEN1A / POS2A
HVEN2A / NEG2A
ClampA
0.1µF
0.1µF
0.1µF
0.22µF
0.22µF
0.22µF
0.22µF
0.22µF
0.1µF
10nF
10nF
10nF
10nF
1µF
1µF
1µF
1µF
VNN2
VPP2
VPP1
DV
DD2
DV
DD1
DV
DD1
DV
DD1
DVDD2
DVDD1


Similar Part No. - MD1711FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711FG-G SUTEX-MD1711FG-G Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
More results

Similar Description - MD1711FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
   HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
logo
Supertex, Inc
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
   High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
   High Speed Ultrasound Beamforming Source Driver
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com