Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF204MS21 Datasheet(PDF) 8 Page - Shoulder Electronics Limited.

Part # HDF204MS21
Description  This specification shall cover the characteristics of SAW filter With 204M used for IF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF204MS21 Datasheet(HTML) 8 Page - Shoulder Electronics Limited.

Back Button HDF204MS21 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF204MS21 Datasheet HTML 10Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SAW FILTER
HDF204M
SMD-21
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 8 of 10
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)


Similar Part No. - HDF204MS21

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF220AS3 SHOULDER-HDF220AS3 Datasheet
163Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF220A used for the page
HDF232CS3 SHOULDER-HDF232CS3 Datasheet
213Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF232C used for the page
logo
Shindengen Electric Mfg...
HDF2405S SHINDENGEN-HDF2405S Datasheet
80Kb / 2P
   3 Watt HD Series
HDF2412D SHINDENGEN-HDF2412D Datasheet
80Kb / 2P
   3 Watt HD Series
HDF2412S SHINDENGEN-HDF2412S Datasheet
80Kb / 2P
   3 Watt HD Series
More results

Similar Description - HDF204MS21

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF110M3S21 SHOULDER-HDF110M3S21 Datasheet
148Kb / 9P
   This specification shall cover the characteristics of SAW filter With 110M3 used for IF applications.
HDF110M4S21 SHOULDER-HDF110M4S21 Datasheet
159Kb / 9P
   This specification shall cover the characteristics of SAW filter With 110M used for IF applications.
HDBF07011A64 SHOULDER-HDBF07011A64 Datasheet
126Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07011A64 used for
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
HDF302AS3 SHOULDER-HDF302AS3 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF302A used for the page
HDF56AF11 SHOULDER-HDF56AF11 Datasheet
108Kb / 6P
   This specification shall cover the characteristics of SAW Filter with F56A used for the cordlessphone.
HDF398AS4 SHOULDER-HDF398AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F398A used for the page
HDF415CS3 SHOULDER-HDF415CS3 Datasheet
175Kb / 7P
   This specification shall cover the characteristics of SAW filter With F415 used for the page
HDF426ANF11 SHOULDER-HDF426ANF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F426AN used for the page
HDF428WS4 SHOULDER-HDF428WS4 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F428W used for the page
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com