Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND150N3-GP005 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LND150N3-GP005
Description  N-Channel Depletion-Mode DMOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LND150N3-GP005 Datasheet(HTML) 3 Page - Supertex, Inc

  LND150N3-GP005 Datasheet HTML 1Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 2Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 3Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 4Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 5Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 6Page - Supertex, Inc LND150N3-GP005 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-LND150
C041114
LND150
Typical Performance Curves
Output Characteristics
6
5
4
3
2
1
0
0
250
500
Saturation Characteristics
6
5
4
3
2
1
0
0
1
2
3
5
4
Maximum Rated Safe Operating Area
1
1000
100
10
1
10
100
0.1
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
Transconductance vs. Drain Current
10
8
6
4
2
0
0
10
2
4
6
Power Dissipation vs. Ambient Temperature
0
150
100
50
2
1
0.5V
8
0V
-0.5V
-1.0V
V
GS = 1.0V
0.5V
0V
-0.5V
-1.0V
0
0
TO-243AA
V
DS (V)
T
A = -55°C
I
D (milliamps)
T
A (°C)
V
DS (V)
t
P (seconds)
TO-243AA
T
A = 25°C
P
D = 1.2W
TO-92
P
D = 1.0W
T
C = 25°C
TO-92
TO-236 (DC)
TO-236AB
V
GS = 1.0V
V
DS = 400V
T
A = 25°C
300µs pulse
2% duty cycle
25°C
125°C
V
DS (V)
TO-92 (DC)
TO-243AA (DC)
Pulsed


Similar Part No. - LND150N3-GP005

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
More results

Similar Description - LND150N3-GP005

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150K1-G SUTEX-LND150K1-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com