Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND150 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LND150
Description  N-Channel Depletion-Mode DMOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LND150 Datasheet(HTML) 2 Page - Supertex, Inc

  LND150 Datasheet HTML 1Page - Supertex, Inc LND150 Datasheet HTML 2Page - Supertex, Inc LND150 Datasheet HTML 3Page - Supertex, Inc LND150 Datasheet HTML 4Page - Supertex, Inc LND150 Datasheet HTML 5Page - Supertex, Inc LND150 Datasheet HTML 6Page - Supertex, Inc LND150 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-LND150
C041114
LND150
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
DSX
Drain-to-source breakdown voltage
500
-
-
V
V
GS = -10V, ID = 1.0mA
V
GS(OFF)
Gate-to-source off voltage
-1.0
-
-3.0
V
V
GS = 25V, ID = 100nA
ΔV
GS(OFF)
Change in V
GS(OFF) with temperature
-
-
5.0
mV/OC V
GS = 25V, ID = 100nA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ± 20V, VDS = 0V
I
D(OFF)
Drain-to-source leakage current
-
-
100
nA
V
GS = -10V, VDS = 450V
-
-
100
µA
V
DS = 0.8V Max Rating,
V
GS = -10V, TA = 125
O
C
I
DSS
Saturated drain-to-source current
1.0
-
3.0
mA
V
GS = 0V, VDS = 25V
R
DS(ON)
Static drain-to-source on-state resistance
-
850
1000
Ω
V
GS = 0V, ID = 0.5mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.2
%/OC V
GS = 0V, ID = 0.5mA
G
FS
Forward transductance
1.0
2.0
-
m
V
DS = 0V, ID = 1.0mA
C
ISS
Input capacitance
-
7.5
10
pF
V
GS = -10V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
2.0
3.5
C
RSS
Reverse transfer capacitance
-
0.5
1.0
t
d(ON)
Turn-on delay time
-
0.09
-
µs
V
DD = 25V,
I
D = 1.0mA,
R
GEN = 25Ω
t
r
Rise time
-
0.45
-
t
d(OFF)
Turn-off delay time
-
0.1
-
t
f
Fall time
-
1.3
-
V
SD
Diode forward voltage drop
-
-
0.9
V
V
GS = -10V, ISD = 1.0mA
t
rr
Reverse recovery time
-
200
-
ns
V
GS = -10V, ISD = 1.0mA
Notes:
1.
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Notes:
† I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Package
I
D
(continuous)
(mA)
I
D
(pulsed)
(mA)
Power Dissipation
@T
A = 25
O
C
(W)
θ
ja
(OC/W)
I
DR
(mA)
I
DRM
(mA)
TO-236AB (SOT-23)
13
30
0.36
203
13
30
TO-92
30
30
0.74
132
30
30
TO-243AA (SOT-89)
30
30
1.6
133
30
30
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
0V
VDD
R
GEN
0V
-10V
t
f


Similar Part No. - LND150

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
   N-Channel Depletion-Mode MOSFET
LND150 SUTEX-LND150 Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150 Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150 Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150 Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
More results

Similar Description - LND150

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150K1-G SUTEX-LND150K1-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com