Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9967B Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9967B
Description  Integrated LED Driver with Average-Mode Current Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9967B Datasheet(HTML) 1 Page - Supertex, Inc

  HV9967B Datasheet HTML 1Page - Supertex, Inc HV9967B Datasheet HTML 2Page - Supertex, Inc HV9967B Datasheet HTML 3Page - Supertex, Inc HV9967B Datasheet HTML 4Page - Supertex, Inc HV9967B Datasheet HTML 5Page - Supertex, Inc HV9967B Datasheet HTML 6Page - Supertex, Inc HV9967B Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Supertex inc.
HV9967B
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9967B
B060712
Features
3% accurate LED current
Integrated 60V, 0.8Ω MOSFET
Low sensitivity to external component variation
Single resistor LED current setting
Fixed off-time control
PWM dimming input
Output short circuit protection with skip mode
Over-temperature protection
Available in compact 8-Lead MSOP and 8-Lead
DFN packages
Applications
DC/DC or AC/DC LED drivers
RGB backlighting drivers for flat panel displays
General purpose constant current source
Signage and decorative LED lighting
Chargers
General Description
The HV9967B is an average-mode current control LED driver IC
operating in a constant off-time mode.
The IC features an integrated 60V, 0.8Ω MOSFET that can be
used as a stand-alone buck converter switch, or connected as a
source driver for driving an external high-voltage depletion-mode
MOSFET. The HV9967B is powered through its switching output
when the integrated switch is off. Hence, the same external
MOSFET can be used as a high-voltage linear regulator for
powering the IC.
The LED current is programmed with one external resistor. The
average-mode current control method does not produce a peak-
to-average error, and therefore greatly improves current accuracy
and line and load regulation of the LED current without any need
for loop compensation or direct sensing of the LED current at a
high-voltage potential. The auto-zero circuit cancels the effects of
the input offset voltage and of the propagation delay of the current
sense comparator.
Typical Application Circuit
Integrated LED Driver
with Average-Mode Current Control
C
IN
C
DD
D1
L1
LED
String
C
O
HV9967B
U1
R
SENSE
VDD
PGND
PWMD
RSENSE
8
1
36
4
R
T
2
RT
AGND
7
SW
+
8.0 - 60VDC


Similar Part No. - HV9967B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9961 SUTEX-HV9961 Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
HV9961 SUTEX-HV9961 Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961LG-G-M901 MICROCHIP-HV9961LG-G-M901 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results

Similar Description - HV9967B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com